Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025AMTC/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM5025A
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Soft-Start
The softstart feature allows the power converter to gradually reach the initial steady state operating point, thus
reducing start-up stresses and surges. At power on, a 20µA current is sourced out of the softstart pin (SS) into
an external capacitor. The capacitor voltage will ramp up slowly and will limit the COMP pin voltage and therefore
the PWM duty cycle. In the event of a fault as determined by VCC undervoltage, line undervoltage (UVLO) or
second level current limit, the output gate drivers are disabled and the softstart capacitor is fully discharged.
When the fault condition is no longer present a softstart sequence will be initiated. Following a second level
current limit detection (CS2), the softstart current source is reduced to 1µA until the first output pulse is
generated by the PWM comparator. The current source returns to the nominal 20µA level after the first output
pulse (~1V at the SS pin).
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low power standby
state with the output drivers and the bias regulator disabled. The device will restart after the thermal hysteresis
(typically 25°C). During a restart after thermal shutdown, the softstart capacitor will be fully discharged and then
charged in the low current mode (1µA) similar to a second level current limit event. The thermal protection
feature is provided to prevent catastrophic failures from accidental device overheating.
Application Circuit: Input 36-78V, Output 3.3V, 30A
Figure 16. Application Circuit
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com