Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025AMTC/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM5025A
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
DETAILED OPERATING DESCRIPTION
The LM5025A is a functional variant of the LM5025 active clamp PWM controller. The functional differences of
the LM5025A are:
•
The CS1 and CS2 current limit thresholds have been increased to 0.5V.
•
The internal CS2 filter discharge device has been disabled and no longer operates each clock cycle.
•
The internal VCC and VREF regulators continue to operate when the line UVLO pin is below threshold.
The LM5025A PWM controller contains all of the features necessary to implement power converters utilizing the
Active Clamp Reset technique. The device can be configured to control either a P-Channel clamp switch or an N-
Channel clamp switch. With the active clamp technique higher efficiencies and greater power densities can be
realized compared to conventional catch winding or RDC clamp / reset techniques. Two control outputs are
provided, the main power switch control (OUT_A) and the active clamp switch control (OUT_B). The active clamp
output can be configured for either a specified overlap time (for P-Channel switch applications) or a specified
dead time (for N_Channel applications). The two internal compound gate drivers parallel both MOS and Bipolar
devices, providing superior gate drive characteristics. This controller is designed for high-speed operation
including an oscillator frequency range up to 1MHz and total PWM and current sense propagation delays less
than 100ns. The LM5025A includes a high-voltage start-up regulator that operates over a wide input range of
13V to 90V. Additional features include: Line Under Voltage Lockout (UVLO), softstart, oscillator UP/DOWN sync
capability, precision reference and thermal shutdown.
High Voltage Start-Up Regulator
The LM5025A contains an internal high voltage start-up regulator that allows the input pin (VIN) to be connected
directly to the line voltage. The regulator output is internally current limited to 20mA. When power is applied, the
regulator is enabled and sources current into an external capacitor connected to the VCC pin. The recommended
capacitance range for the VCC regulator is 0.1µF to 100µF. When the voltage on the VCC pin reaches the
regulation point of 7.6V and the internal voltage reference (REF) reaches its regulation point of 5V, the controller
outputs are enabled. The outputs will remain enabled until VCC falls below 6.2V or the line Under Voltage Lock
Out detector indicates that VIN is out of range. In typical applications, an auxiliary transformer winding is
connected through a diode to the VCC pin. This winding must raise the VCC voltage above 8V to shut off the
internal start-up regulator. Powering VCC from an auxiliary winding improves efficiency while reducing the
controller power dissipation.
When the converter auxiliary winding is inactive, external current draw on the VCC line should be limited so the
power dissipated in the start-up regulator does not exceed the maximum power dissipation of the controller.
An external start-up regulator or other bias rail can be used instead of the internal start-up regulator by
connecting the VCC and the VIN pins together and feeding the external bias voltage into the two pins.
Line Under-Voltage Detector
The LM5025A contains a line Under Voltage Lock Out (UVLO) circuit. An external set-point voltage divider from
Vin to GND, sets the operational range of the converter. The divider must be designed such that the voltage at
the UVLO pin will be greater than 2.5V when Vin is in the desired operating range. If the undervoltage threshold
is not met, both outputs are disabled,all other functions of the controller remain active. UVLO hysteresis is
accomplished with an internal 20uA current source that is switched on or off into the impedance of the set-point
divider. When the UVLO threshold is exceeded, the current source is activated to instantly raise the voltage at
the UVLO pin. When the UVLO pin voltage falls below the 2.5V threshold, the current source is turned off
causing the voltage at the UVLO pin to fall. The UVLO pin can also be used to implement a remote enable /
disable function. Pulling the UVLO pin below the 2.5V threshold disables the PWM outputs.
PWM Outputs
The relative phase of the main (OUT_A) and active clamp outputs (OUT_B) can be configured for the specific
application. For active clamp configurations utilizing a ground referenced P-Channel clamp switch, the two
outputs should be in phase with the active clamp output overlapping the main output. For active clamp
configurations utilizing a high side N-Channel switch, the active clamp output should be out of phase with main
output and there should be a dead time between the two gate drive pulses. A distinguishing feature of the
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com