Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025AMTC/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5025AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VCC
PGND
CNTRL
OUT
OUT_A
OUT_B
OUT_A
OUT_B
K1 * RSET
N-Channel Active Clamp
(RSET to REF)
P-Channel Active Clamp
(RSET to GND)
K2 * RSET
K1 * RSET
K2 * RSET
LM5025A
www.ti.com
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
LM5025A is the ability to accurately configure either dead time (both off) or overlap time (both on) of the gate
driver outputs. The overlap / deadtime magnitude is controlled by the resistor value connected to the TIME pin of
the controller. The opposite end of the resistor can be connected to either REF for deadtime control or GND for
overlap control. The internal configuration detector senses the connection and configures the phase relationship
of the main and active clamp outputs. The magnitude of the overlap/dead time can be calculated as follows:
Overlap Time (ns) = 2.8 x RSET - 1.2
Dead Time (ns) = 2.9 x RSET +20
RSET in kΩ, Time in ns
Figure 13. PWM Outputs
Compound Gate Drivers
The LM5025A contains two unique compound gate drivers, which parallel both MOS and Bipolar devices to
provide high drive current throughout the entire switching event. The Bipolar device provides most of the drive
current capability and provides a relatively constant sink current which is ideal for driving large power MOSFETs.
As the switching event nears conclusion and the Bipolar device saturates, the internal MOS device continues to
provide a low impedance to compete the switching event.
During turn-off at the Miller plateau region, typically around 2V - 3V, is where gate driver current capability is
needed most. The resistive characteristics of all MOS gate drivers are adequate for turn-on since the supply to
output voltage differential is fairly large at the Miller region. During turn-off however, the voltage differential is
small and the current source characteristic of the Bipolar gate driver is beneficial to provide fast drive capability.
Figure 14. Compound Gate Drivers
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com