Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP8572AM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8572AM
Description  Real Time Clock (RTC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8572AM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8572AM Datasheet HTML 10Page - National Semiconductor (TI) DP8572AM Datasheet HTML 11Page - National Semiconductor (TI) DP8572AM Datasheet HTML 12Page - National Semiconductor (TI) DP8572AM Datasheet HTML 13Page - National Semiconductor (TI) DP8572AM Datasheet HTML 14Page - National Semiconductor (TI) DP8572AM Datasheet HTML 15Page - National Semiconductor (TI) DP8572AM Datasheet HTML 16Page - National Semiconductor (TI) DP8572AM Datasheet HTML 17Page - National Semiconductor (TI) DP8572AM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional Description (Continued)
the chip is unlocked but only after another 30 ms min
x
63 ms max debounce time The system designer must en-
sure that his system is stable when power has returned
The power fail circuitry contains active linear circuitry that
draws supply current from VCC In some cases this may be
undesirable so this circuit can be disabled by masking the
power fail interrupt The power fail input can perform all
lock-out functions previously mentioned except that no ex-
ternal interrupt will be issued Note that the linear power fail
circuitry is switched off automatically when using VBB in
standby mode
LOW BATTERY INITIAL POWER ON DETECT AND
POWER FAIL TIME SAVE
There are three other functions provided on the DP8572A to
ease power supply control These are an initial Power On
detect circuit which also can be used as a time keeping
failure detect a low battery detect circuit and a time save
on power failure
On initial power up the Oscillator Fail Flag will be set to a
one and the real time clock start bit reset to a zero This
indicates that an oscillator fail event has occurred and time
keeping has failed
The Oscillator Fail flag will not be reset until the real-time
clock is started This allows the system to discriminate be-
tween an initial power-up and recovery from a power failure
If the battery backed mode is selected then bit D6 of the
Periodic Flag Register must be written low This will not af-
fect the contents of the Oscillator Fail Flag
Another status bit is the low battery detect This bit is set
only when the clock is operating under the VCC pin and
when the battery voltage is determined to be less than 21V
(typical) When the power fail interrupt enable bit is low it
disables the power fail circuit and will also shut off the low
battery voltage detection circuit as well
To relieve CPU overhead for saving time upon power failure
the Time Save Enable bit is provided to do this automatical-
ly (See also Reading the Clock Latched Read) The Time
Save Enable bit when set causes the Time Save RAM to
follow the contents of the clock This bit can be reset by
software but if set before a power failure occurs it will auto-
matically be reset when the clock switches to the battery
supply (not when a power failure is detected by the PFAIL
pin) Thus writing a one to the Time Save bit enables both a
software write or power fail write
SINGLE POWER SUPPLY APPLICATIONS
The DP8572A can be used in a single power supply applica-
tion To achieve this the VBB pin must be connected to
ground and the power connected to VCC and PFAIL pins
The Oscillator FailedSingle Supply bit in the Periodic Flag
Register should be set to a logic 1 which will disable the
oscillator battery reference circuit The power fail interrupt
should also be disabled This will turn off the linear power
fail detection circuits and will eliminate any quiescent power
drawn through these circuits Until the crystal select bits are
initialized the DP8572A may consume about 50 mA due to
arbitrary oscillator selection at power on
(This extra 50 mA is not consumed if the battery backed
mode is selected)
DETAILED REGISTER DESCRIPTION
There are 5 external address bits Thus the host microproc-
essor has access to 28 locations at one time An internal
switching scheme provides a total of 61 locations
This complete address space is organized into two pages
Page 0 contains two blocks of control registers timers real
time clock counters and special purpose RAM while page
1 contains general purpose RAM Using two blocks enables
the 9 control registers to be mapped into 5 locations The
only register that does not get switched is the Main Status
Register It contains the page select bit and the register
select bit as well as status information
A memory map is shown in
Figure 2 and register addressing
in Table III They show the name address and page loca-
tions for the DP8572A
TABLE III RegisterCounterRAM
Addressing for DP8572A
A0-4
PS
RS
Description
(Note 1) (Note 2)
CONTROL REGISTERS
00
X
X
Main Status Register
03
0
0
Periodic Flag Register
04
0
0
Time Save Control Register
01
0
1
Real Time Mode Register
02
0
1
Output Mode Register
03
0
1
Interrupt Control Register 0
04
0
1
Interrupt Control Register 1
COUNTERS (CLOCK CALENDAR)
05
0
X
1100 110 Seconds (0 – 99)
06
0
X
Seconds
(0 – 59)
07
0
X
Minutes
(0 – 59)
08
0
X
Hours
(1 – 12 0 – 23)
09
0
X
Days of
Month
(1 – 28293031)
0A
0
X
Months
(1 – 12)
0B
0
X
Years
(0 – 99)
0C
0
X
Julian Date (LSB)
(0 – 99) (Note 3)
0D
0
X
Julian Date
(0 – 3)
0E
0
X
Day of Week
(1 – 7)
TIME COMPARE RAM
13
0
X
Sec Compare RAM
(0 – 59)
14
0
X
Min Compare RAM
(0 – 59)
15
0
X
Hours Compare
RAM
(1 – 12 0 – 23)
16
0
X
DOM Compare
RAM
(1 – 28293031)
17
0
X
Months Compare
RAM
(1 – 12)
18
0
X
DOW Compare RAM (1 – 7)
TIME SAVE RAM
19
0
X
Seconds Time Save RAM
1A
0
X
Minutes Time Save RAM
1B
0
X
Hours Time Save RAM
1C
0
X
Day of Month Time Save RAM
1D
0
X
Months Time Save RAM
1E
0
1
RAM
1F
0
X
RAMTest Mode Register
01 – 1F
1
X
2nd Page General Purpose RAM
Note 1
PSPage Select (Bit D7 of Main Status Register)
Note 2
RSRegister Select (Bit D6 of Main Status Register)
Note 3
The LSB counters count 0
x99 until the hundreds of days counter
reaches 3 Then the LSB counters count to 65 or 66 (if a leap year) The
rollover is from 365366 to 1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com