Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM9061MX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM9061MX/NOPB
Description  High-Side Protection Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9061MX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM9061MX/NOPB Datasheet HTML 16Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 17Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 18Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 19Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 20Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 21Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 22Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 23Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
LM9061, LM9061-Q1
SNOS738H – APRIL 1995 – REVISED JANAURY 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Operation With VCC > 30 V
If VCC increases to more than typically 30 V the LM9061 will turn off the MOSFET to protect the load from
excessive voltage. When VCC has returned to the normal operating range the device will return to normal
operation without requiring toggling the ON/OFF input. This feature will allow MOSFET operation to continue in
applications that are subject to periodic voltage transients, such as automotive applications.
7.4.2 Operation With VCC < 6.2 V
When VCC falls below the UVSO threshold of 6.2 V the charge pump will be disabled and the gate will be
discharged at the Normal-OFF current sink rate, typically 110
μA.
7.4.3 Operation With ON/OFF Control
In the ON state, the charge pump voltage, which is well above the available VCC supply, is directly applied to the
gate of the MOSFET. When commanded OFF a 110 µA current sink discharges the gate capacitances of the
MOSFET for a gradual turn-OFF characteristic to minimize the duration of inductive load transient voltages and
further protect the power MOSFET.
7.4.4 MOSFET Latch-OFF
In the event of excessive power dissipation in the MOSFET as detected by the LM9061 sense and threshold
pins, the MOSFET is latched OFF to prevent permanent failure. It will not restart until the ON/OFF Input is
toggled low then high.
20
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: LM9061 LM9061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33