Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM9061MX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM9061MX/NOPB
Description  High-Side Protection Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9061MX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM9061MX/NOPB Datasheet HTML 18Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 19Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 20Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 21Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 22Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 23Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 24Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 25Page - Texas Instruments LM9061MX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
LM9061, LM9061-Q1
SNOS738H – APRIL 1995 – REVISED JANAURY 2015
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
Only a few “common sense” precautions need to be observed. All MOSFETs in the array must have identical
electrical and thermal characteristics. This can be solved by using the same part number from the same
manufacturer for all of the MOSFETs in the array. Also, all MOSFETs should have the same style heat sink or,
ideally, all mounted on the same heat sink. The electrical connection of the MOSFETs should get special
attention. With typical RDS(ON) values in the range of tens of milli-Ohms, a poor electrical connection for one of
the MOSFETs can render it useless in the circuit. Also, the MOSFET dissipation during the Normal-OFF
discharge of the gate capacitance, 70 µA minimum and 110 µA typical, needs consideration. One particular
caution is that, in the event of a fault condition, the Latch-OFF current sink, 10 µA typical, may not be able to
discharge the total gate capacitance in a timely manner to prevent damage to the MOSFETs.
8.2.2 Detailed Design Procedure
The NDP706A MOSFET has a typical RDS(ON) of 0.013 Ω with a TJ of 25°C, and 0.020Ω with a TJ of +125°C. An
RTHRESHOLD value of 6.2 kΩ as shown in Figure 19 will set the VDS threshold voltage to approximately 500 mV.
This will provide a typical maximum load current of 150 A at 25°C, and a typical maximum load current of 100 A
at 125°C. See Lossless Overcurrent Protection for details on calculating RTHRESHOLD.
The maximum dissipation, per MOSFET, will be nearly 20 W at 25°C, and 12.5 W at 125°C. With up to 20 W
being dissipated by each of the four devices, an effective heat sink will be required to keep the TJ as low as
possible when operating near the maximum load currents.
8.2.3 Application Curves
Figure 20. MOSFET Gate During Start-up, Total Gate
Figure 21. MOSFET Gate During Shut Down, Total Gate
Capacitance = 11200 pF
Capacitance = 11200 pF
22
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: LM9061 LM9061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com