Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8207MT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 11Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 12Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 14Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
+
-
LM8207
OUT_VREF
IN_VREF
R1
R2
1.295V
ILOAD
VREF
+
-
0
ILOAD
0
1.295V
16V
OPERATING OUTPUT
VOLTAGE RANGE
HEADROOM
IOUT_V
REF
|
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
Example:
VDD = 16V
OUT_VREF = 14.4V
Choose R2 = 5 kΩ. Using Equation 2, this will result in R1 = 50.6 kΩ
THE OPERATING RANGE OF THE VOLTAGE REFERENCE
The output of the Voltage Reference Amplifier has a minimum of 1.295V (R1 = 0). This is determined by the
value of the internal reference. The maximum output voltage (OUT_VREFMAX) can approach the positive supply
rail VDD. The voltage is limited by the output resistance (ROUT) of the output stage of the internal amplifier and
depends on the load current. Figure 34 shows the operating output voltage range.
Figure 34. Operating Output Voltage Range
The minimum headroom (OUT_VREF with respect to the positive supply rail VDD) can be measured using the test
circuit shown in Figure 35.
Figure 35. Headroom Test Circuit with Variable Output Current Load
The headroom is measured by varying both the supply voltage and the output current (ILOAD) for a fixed
programmed value of OUT_VREF. As shown in Figure 36, the minimum headroom slightly increases for a
constant VDD when the load current increases.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com