Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8207MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 19Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 20Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 21Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 22Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 23Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 24Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 25Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LM8207
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
MAXIMUM POWER DISSIPATION
The maximum power dissipation in the LM8207 TSSOP package depends on the ambient temperature and the
increase of the junction temperature of the die. Exceeding the maximum temperature will damage the part. (See
the Absolute Maximum Ratings table.) The VCOM buffer of the LM8207 is designed for use in pulsed conditions.
Driving a continuous current of several hundred mA to a load will damage the part due to the high power
consumption of the output stage of the VCOM buffer.
The maximum operating temperature can be calculated using this formula:
TJ = TA + θJA x PDISSIPATION
where
•
TA = Ambient temperature
•
θJA = Thermal resistance of package (See Operating Ratings table) (84°C/W)
•
PDISSIPATION = Total power dissipation of the LM8207
(4)
Examples:
The estimated power consumption of the LM8207 in a steady state situation with no load is:
VDD
= 16V
IDD
= 6 mA (all buffers within normal operating range)
OUT_VREF
= 14.4V
ILOAD
= 3 mA
VDD x IDD
= 16 V x 6 mA
(VDD - OUT_VREF) x ILOAD = (16 V – 14.4 V) x 3 mA
= 4.8 mW
Total steady state power dissipation
= 100.8 mW
For an ambient temperature TA of 40°C and a dissipated power of 100.8 mW, the junction temperature TJ will be
49°C. This will not exceed the maximum operating temperature.
Two issues are not considered in the calculation:
•
Continuous power dissipation of the gamma buffers. This is load dependent, and can be calculated using the
voltage drop over the output stage times the output current:
–
P = (VDD-VGMAx) x IOUT for current sourcing
–
P = (VGMAx) x IOUT for current sinking
•
Pulsed power dissipation of the buffers. The RMS value of this pulsed current depends on the magnitude of
the current fluctuations and the duty cycle. This can majorly contribute to the total power dissipation.
When the LM8207 is in steady state biasing, the V buffer is considered at three various load conditions:
IOUTRMS (mA)
VCOM Level (V)
Dissipation (mW)
Temp Rise
TJ
10
8
80
7
56
50
8
400
35
83
100(1)
8
800
67
107
(1)
When IOUTRMS = 100 mA, the package (TJ) will exceed the Operating Temperature
EVALUATION BOARD
For testing purposes an evaluation board is available. It is intended to evaluate the following functions:
•
The Voltage Reference is fully adjustable within the operating range. For optimal output voltage ranges, user
defined resistors can be trimmed by using two resistors in series.
•
The Gamma correction curve is user defined using external resistors. Each optimal value can be achieved by
using two series resistors for fine-tuning.
•
The VCOM node input voltage can be achieved using Texas Instruments’ LM8342 programmable VCOM
calibrator, or using an external supply.
•
For testing, an additional dummy load can be connected to all outputs of the gamma buffers.
22
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com