Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0031VS/NOPB
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH0031VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LMH0030
SD/HD Encoder/ Serializer/
Cable Driver
LMH0034
Adaptive Cable
Equalizer
75: Coaxial Cable
1 PF
75:
1%
SMPTE Video
Data Input
SMPTE 292M
or 259M
Serial Data
VDD
LMH0031
SD/HD Decoder/
Deserializer
Parallel Ancilliary
Data Input
SMPTE Video
Data Output
Parallel Ancilliary
Data Output
75:
1%
1 PF
LMH0031
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
DESCRIPTION (CONTINUED)
The unique multi-functional I/O port of the LMH0031 provides external access to functions and data stored in the
configuration and control registers. This feature allows the designer greater flexibility in tailoring the LMH0031 to
the desired application. The LMH0031 is auto-configured to a default operating condition at power-on or after a
reset command. Separate power pins for the PLL, deserializer and other functional circuits improve power supply
rejection and noise performance.
The LMH0031 has a unique Built-In Self-Test (BIST) and video Test Pattern Generator (TPG). The BIST enables
comprehensive testing of the device by the user. The BIST uses the TPG as input data and includes SD and HD
component video test patterns, reference black, PLL and EQ pathologicals and a 75% saturation, 8 vertical
colour bar pattern, for all implemented rasters. The colour bar pattern has optional transition coding at changes in
the chroma and luma bar data. The TPG data is output via the parallel data port.
The LMH0030, SMPTE 292M / 259M Digital Video Serializer with Ancillary Data FIFO and Integrated Cable
Driver, is the ideal complement to the LMH0031.
The LMH0031's internal circuitry is powered from +2.5 Volts and the I/O circuitry from a +3.3 Volt supply. Power
dissipation is typically 850mW. The device is packaged in a 64-pin TQFP.
TYPICAL APPLICATION
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com