Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0031VS/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0031VS/NOPB
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0031VS/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMH0031VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 29Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 30Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 31Page - Texas Instruments LMH0031VS/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
LMH0031
SNLS218A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
The Lock Detect is a logic-1 when the loop is locked and the CDR has acquired a phase of the incoming serial
data. This bit may be programmed as an output on the multi-function I/O bus. This bit is mapped to I/O port bit 4
in the default condition.
The VPG Filter Enable bit when set enables operation of the Video Pattern Generator filter. Operation of this
filter causes the insertion of transition codes in the chroma and luma data of colour bar test patterns where these
patterns change from one bar to the next. This filter reduces the magnitude of out-of-band frequency products
which are produced by abrupt transitions in the chroma and luma data when fed to D-to-A converters and picture
monitors.
The LMH0031 incorporates circuitry that implements a method for handling data that has been subjected to LSB
dithering. Data from the de-scrambler is routed for de-dithering. Control of this circuitry is via the De-Dither
Enable bit in the VIDEO INFO 0 control register. Recovery of data that has been dithered during the vertical
blanking interval can be selectively enabled by use of the V De-Dither Enable bit in the VIDEO INFO 0 control
register. The initial condition of De-Dither Enable and V De-Dither Enable is OFF.
VIDEO CONTROL 0 (register address 55h)
The EXTERNAL VCLK bit is a special application function which enables use of an external VCXO as a substitute
for the internally generated VCLK. Additional circuitry is enabled within the LMH0031 which provides phase-
frequency detection and control voltage output for the VCXO. An external loop filter and voltage amplifier are
required to interface the control voltage output to the VCXO frequency control input. When this function is used,
the RBB output function is changed from the bias supply output to the control voltage output of the phase-
frequency detector. The VCLK output changes function, becoming the input for the VCXO signal. Use of this
function and required external support circuitry is explained in the Application Information section.
The SYNC DETECT ENABLE bit, when set, enables detection of TRS characters. This bit is normally set (ON).
The LSB CLIP ENABLE bit, when set, causes the two LSBs of TRS characters to be set to 00b as described in
ITU-R BT.601. This function is normally set (ON).
The NRZI ENABLE bit, when set, enables data to be converted from NRZI to NRZ. This bit is normally set (ON).
The DE-SCRAMBLE ENABLE bit, when set, enables de-scrambling of the incoming data according to
requirements of SMPTE 259M or SMPTE 292M. This bit is normally set (ON).
CAUTION
The default state of this register is 36h. If any of the normal operating features of the
descrambler are turned off, this register’s default data must be restored to resume
normal device operation.
REFERENCE CLOCK REGISTER (Address 67h)
The Reference Clock register controls operation of the CDR reference clock source. The CLKEN bit when reset
to a logic-0 enables the oscillator signal to be used by the LMH0031 as a reference. The default state of this bit
at power-on is enabled. In general, this function and bit should not be disabled. The INT_OSC EN bit enables the
internal crystal oscillator amplifier. By default this bit is a logic-0 and is therefore inactive at power-on. The device
expects an external 27MHz reference reference clock source to be connected to the XTALi/Ext Clk pin and
activated at power-on.
I/O PIN 0 THROUGH 7 CONFIGURATION REGISTERS (Addresses 0Fh through 16h)
The I/O Pin Configuration Registers are used to map individual bits of the multi-function I/O port to selected
bits of the Configuration and Control Registers. Table 6 gives the pin select codes for the Configuration and
Control register functions that may be mapped to the port. Pin[n] Select [5] controls whether the port pin is input
or output. The port pin will be an input when this bit is set and an output when reset. Input-only functions may not
be configured as outputs and vice versa. The remaining five Pin[n] Select [4:0] bits identify the particular Control
Register bit to be mapped.
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com