Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MT/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6503MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +1V. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(2)
Max(2)
Units
DC & Miscellaneous Performance
GACCU
Gain Accuracy (see Application
VG =1.0V
+0.25
+0.9/
−0.4
Information)
0V < VG < 1V
±0.3
+1.3/
−1.5
dB
−0.7V < VG < 1V
±0.4
+4.4/
−4.3
G Match
Gain Matching (see Application
VG = 1.0
–
±0.7
Information)
0 < VG < 1V
–
+1.7/
−1.1
dB
−0.7V < VG < 1V
–
+4.0/
−4.7
K
Gain Multiplier (see Application
1.58
1.72
1.87
V/V
Information)
1.58
1.91
VCM
Input Voltage Range
Pin 3 & 6 Common Mode,
±2.0
±2.2
V
|CMRR| > 50dB(6)
±1.80
VIN_ DIFF
Differential Input Voltage
Across pins 3 & 6
±0.34
±0.37
V
±0.28
IRG MAX
RG Current
Pins 4 & 5
±1.70
±2.30
mA
±1.60
IBIAS
Bias Current
Pins 3 & 6(7)
11
18
20
µA
Pins 3 & 6(7),
3
10
VS= ±2.5V
13
TCBIAS
Bias Current Drift
Pin 3 & 6(8)
100
nA/°C
I OFF
Offset Current
Pin 3 & 6
0.01
2.0
µA
2.5
TC IOFF
Offset Current Drift
See(8)
5
nA/°C
RIN
Input Resistance
Pin 3 & 6
750
k
Ω
CIN
Input Capacitance
Pin 3 & 6
5
pF
IVG
VG Bias Current
Pin 2, VG = 1.4V
(7)
45
µA
TC IVG
VG Bias Drift
Pin 2(8)
20
nA/°C
R VG
VG Input Resistance
Pin 2
70
K
Ω
C VG
VG Input Capacitance
Pin 2
1.3
pF
VOUT
Output Voltage Range
RL = 100Ω
±3.00
±3.20
±2.97
V
RL Open
±3.95
±4.05
±3.90
ROUT
Output Impedance
DC
0.1
Ω
IOUT
Output Current
VOUT ±4V from Rails
±75
±90
mA
±70
VO OFFSET
Output Offset Voltage
−1V < VG < 1V
±80
±350
mV
±380
+PSRR
+Power Supply Rejection Ratio
Input Referred, 1V change,
−80
−58
dB
(See(9))
VG = 1.4V
−56
−PSRR
−Power Supply Rejection Ratio
Input Referred, 1V change,
−67
−57
dB
(See(9))
VG = 1.4V
−51
CMRR
Common Mode Rejection Ratio
Input Referred, VG = 1V
−67
dB
(See(10))
−1.8V < VCM < 1.8V
(6)
CMRR definition: [|
ΔVOUT/ΔVCM|/AV] with 0.1V differential input voltage. ΔVOUT is the change in output voltage with offset shift
subtracted out.
(7)
Positive current correspondes to current flowing in the device.
(8)
Drift determined by dividing the change in parameter distribution at temperature extremes by the total temperature change.
(9)
+PSRR definition: [|
ΔVOUT/ΔV
+| /A
V], -PSRR definition: [|ΔVOUT/ΔV
−| /A
V] with 0.1V differential input voltage. ΔVOUT is the change in
output voltage with offset shift subtracted out.
(10) CMRR definition: [|
ΔVOUT/ΔVCM|/AV] with 0.1V differential input voltage. ΔVOUT is the change in output voltage with offset shift
subtracted out.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com