Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MT/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6503MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1k
100k
10M
1G
FREQUENCY (Hz)
100M
1M
10k
3
-5
-3
0
2
1
-1
-2
-4
-6
-7
40
-120
-80
-20
20
0
-40
-60
-100
-160
-7
PHASE
GAIN
25°C
VS = ±2.5V
0.55V
-0.48V
0V
AVMAX = 10
GAIN NORMALIZED TO
LOW FREQUENCY
VALUE AT EACH VG
-0.48V
0V
f (25 MHz/DIV)
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
45
90
135
180
2
3
225
270
GAIN
PHASE
VOUT = 0.5VPP
SEE NOTE 12
100
10
2
100
10
2
750
1k
2.4k
AVMAX
RF(k:)
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
-3
100M
1M
10k
0
-1
-4
-5
-7
-2
-8
-350
150
-200
-50
100
50
-100
-150
-250
0
-300
GAIN
PHASE
AVMAX = 10, VG = VGMAX
GAIN/PHASE DATA
NORMALIZED TO LOW
FREQUENCY VALUE AT 25°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
-3
100M
1M
10k
0
-1
-4
-5
-7
-2
-8
-160
40
-100
-40
20
0
-60
-80
-120
-20
-140
GAIN
PHASE
AVMAX = 10
GAIN NORMALIZED TO LOW
FREQUENCY VALUE AT
EACH VG
1.2V
-0.4V
-1.0V
1.2V
-0.4V
-1.0V
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-18
-15
-13
-10
-8
-5
-3
0
3
5
RF = 920:, RG = 820:
RF = 2.4k:, RG = 2.1k:
VOUT = 0.5VPP
AVMAX = 2
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-35
-30
-25
-20
-15
-10
-5
0
5
-270
-225
-180
-135
-90
-45
0
45
90
VOUT = 5VPP
AVMAX = 2
RF = 2.4k:
RG = 2.15k:
GAIN
PHASE
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Typical Performance Charateristics
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Small Signal Frequency Response (AV = 2)
Large Signal Frequency Response (AV = 2)
Figure 4.
Figure 5.
Frequency Response over Temperature (AV = 10)
Frequency Response for Various VG (AVMAX = 10)
Figure 6.
Figure 7.
Frequency Response for Various VG (AVMAX = 10) (±2.5V)
Small Signal Frequency Response
Figure 8.
Figure 9.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com