Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503MT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MT/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6503MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH6503MT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-3
-2
-1
0
1
2
3
VCM (V)
40
50
60
70
80
90
100
110
120
-40°C
25°C
85°C
VS = ±5V
VG = VGMAX
-3
-2
-1
0
1
2
3
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
VCM (V)
-40°C
25°C
85°C
VS = ±5V
VG = VGMAX
-3
-2
-1
0
1
2
3
VCM (V)
0
10
20
30
40
50
60
85°C
25°C
-40°C
85°C
VS = ±5V
VG = VGMAX
-1.5
-1
-0.5
0
0.5
1
1.5
10
12
14
16
18
20
22
24
26
28
VCM (V)
-40°C
25°C
85°C
VS = ±2.5V
VG = VGMAX
-1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8
1
-2
0
2
4
6
8
10
12
VCM (V)
VS = ±2.5V
VIN_DIFF = 0.1V
VG = VGMAX
-40°C
85°C
25°C
-3
-2
-1
0
1
2
3
VCM (V)
-4
-2
0
2
4
6
8
10
12
25°C
85°C
-40°C
VS = ±5V
VIN_DIFF = 0.1V
VG = VGMAX
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
AVMAX vs. VCM
AVMAX vs. VCM
Figure 22.
Figure 23.
Supply Current vs. VCM
Supply Current vs. VCM
Figure 24.
Figure 25.
Output Offset Voltage vs.VCM (Typical Unit 1)
Output Offset Voltage vs.VCM (Typical Unit 2)
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com