Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8358MT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
1
10
100
1k
10k
100k
FREQUENCY (Hz)
50
40
30
20
10
0
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
1 s/DIV
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
10
100
1k
10k
100k
FREQUENCY (Hz)
140
130
120
110
100
90
GAIN = 1000
V
+
= +4.5V to +1.7V
V
-
= -1V
10
100
1k
10k
100k
GAIN = 1000
V
+
= +1.65V
V
-
= -1.65V
140
120
100
80
60
40
FREQUENCY (Hz)
10
100
1k
10k
100k
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
140
120
100
80
60
40
FREQUENCY (Hz)
-1.9
-1.5
-1.1
-0.7
-0.3
0.1
0.5
0
-0.3
-0.6
-0.9
-1.2
GAIN = 10
V
+
= +1.65V
V
-
= -1.65V
-40°C
25°C
125°C
VREF (V)
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
VOS
CMRR
vs.
vs.
VREF, VS = 3.3V
Frequency
Figure 23.
Figure 24.
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 25.
Figure 26.
Voltage Noise
Voltage Noise
vs.
vs.
Time
Frequency
Figure 27.
Figure 28.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com