Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8358MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 3. Function of Digital IO Pins, Serial Mode
Pin Name
Description
SDO
Serial Data Out
SDI
Serial Data In
SCK
Serial Clock
CSB
Chip Select
VLSER
Negative Logic level
VHSER
Positive Logic Level
Table 4. LMP8358 Register Description, Serial Mode
Bit No
Name
Description
0
G0
Gain setting (LSB)
1
G1
Gain setting
2
G2
Gain setting (MSB)
3
COMP0
Frequency compensation setting (LSB)
4
COMP1
Frequency compensation setting
5
COMP2
Frequency compensation setting (MSB)
6
MUX0
Input multiplexer selection (LSB)
7
MUX1
Input multiplexer selection (MSB)
8
POL
Input polarity switch
9
SHDN
Shutdown Enable
10
FILT
Enable filtering using external cap
11
PIN
Fault detection pin selection
12
CUR0
Fault detection current setting (LSB)
13
CUR1
Fault detection current setting
14
CUR2
Fault detection current setting (MSB)
15
N/A
Unused, set to 0
Serial Control Interface Operation
The LMP8358 gain, bandwidth compensation, shutdown, input options, and fault detection are controlled by an
on board programmable register. Data to be written into the control register is first loaded into the LMP8358 via
the serial interface. The serial interface employs an 16-bit double-buffered register for glitch-free transitions
between settings. Data is loaded through the serial data input, SDI. Data passing through the shift register is
output through the serial data output, SDO. The serial clock, SCK controls the serial loading process. All sixteen
data bits are required to correctly program the amplifier. The falling edge of CSB enables the shift register to
receive data. The SCK signal must be high during the falling and rising edge of CSB. Each data bit is clocked
into the shift register on the rising edge of SCK. Data is transferred from the shift register to the holding register
on the rising edge of CSB. Operation is shown in the SPI Timing Diagram.
The serial control pins can be connected in one of two ways when two or more LMP8358s are used in an
application.
Star Configuration
The configuration shown in Figure 50 can be used if each LMP8358 will always have the same value in each
register. After the microcontroller writes, all registers will have the same value. Using multiple CSB lines as
shown in Figure 51 allows different values to be written into each register.
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com