Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8358MT/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
+IN
-IN
OUT
1
2
6
VOUT = Gain(±IN)/50
V
-
1/50
+
±
+IN
-IN
OUT
1
2
6
VOUT = ±Gain(±IN)/50
V
-
1/50
+
±
+IN
-IN
OUT
1
2
6
VOUT = Gain(+IN)/50
V
-
1/50
+
±
+IN
-IN
OUT
1
2
6
VOUT = ±Gain(+IN)/50
V
-
1/50
+
±
+IN
-IN
OUT
1
2
6
VOUT = VREF
+
±
+IN
-IN
OUT
1
2
6
VOUT = VREF
+
±
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 9. Input Multiplexer and Polarity (Register bits 8:6) (continued)
MUX1
MUX0
Diff Input for POL = 0
Diff Input for POL = 1
0
1
1
0
1
1
Polarity Reversal
When MUX[1:0] = 00b and POL = 0b the LMP8358 has the input of a normal instrumentation amplifier. The input
for the LMP8358 is defined as Gain × (V+IN − V−IN). When POL = 1b, the input for the LMP8358 is defined as
Gain × (V−IN – V+IN). Polarity reversal can be used to do system level calibration, for example, to compensate for
thermocouple voltages, residual offset of the LMP8358, or offsets of the sensor or ADC.
Short Inputs
When MUX[1:0] = 01b and POL = 0b both inputs are connected to the +IN pin of the LMP8358. The –IN pin is
left floating. When MUX[1:0] = 01b and POL = 1b both inputs are connected to the -IN pin of the LMP8358. The
+IN pin is left floating.
Compare Input to V-
When MUX[1:0] = 10b or 11b one external input of the LMP8358 is floating. The other external input is divided by
50 as shown in Table 9. The internal instrumentation amplifier input that is not connected to the external pin is
connected to V−. With a scale factor of 1/50 this gives an overall gain of 0.2x, 0.4x, 1x, 2x, 4x, 10x, or 20x
depending on what the gain is set to with G[2:0] bits as shown in Table 10.
Table 10. Overall Gain using G[2:0], MUX[1:0] and POL
G[2:0]
MUX[1:0]
Overall System Gain
POL = 0b
POL = 1b
000b
10b or 11b
0.2
−0.2
001b
10b or 11b
0.4
−0.4
010b
10b or 11b
1
−1
011b
10b or 11b
2
−2
100b
10b or 11b
4
−4
101b
10b or 11b
10
−10
110b
10b or 11b
20
−20
26
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com