Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV232TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV232TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADC
-
+
FB
OUT
+
LMV232
VREF
RFB
IOS
IDET
+
-
-
+
FB
OUT
+
LMV232
VREF
RFB
IOS
IDET
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
Figure 24. Pedestal Voltage
For low input power levels, the pedestal variation VPEDESTAL is the dominant cause of error. Besides temperature
variation of the pedestal voltage, which limits the lower end of the range, the pedestal voltage can also vary from
part-to-part. By applying a suitable measurement strategy, the pedestal voltage error contribution can be
significantly reduced or eliminated completely.
POWER MEASUREMENT STRATEGIES
This section describes the measurement strategies to reduce or eliminate the pedestal voltage variation. Which
strategy is chosen depends on the possibilities for a factory trim and implementation of calibration procedures.
Since the pedestal voltage is the reference level for the LMV232, it needs to be calibrated/measured at least
once to eliminate part-to-part spread. This is required to determine the exact detector output signal. Because of
process tolerances, the absolute part-to-part variation of the output voltage in the absence of RF input power will
be in the order of 5 - 10%. All measurement strategies discussed eliminate this part-to-part spread.
Strategy 1: Elimination of Part-to-Part Spread at Room Temperature Only
In this strategy, the pedestal voltage is determined once during manufacturing and stored into the memory of the
phone. At each power measurement this stored pedestal level is digitally subtracted from the measured output
signal of the LMV232 during normal operation. The procedure is thus:
•
Measure the detector output in the absence of RF power during manufacturing.
•
Store the output voltage value in the cell phone memory (after it is analog-to-digital converted).
•
Subtract the stored value from each detector output reading.
Figure 25. Strategy 1: Room Temperature Calibration
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com