Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV232TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADC
FB
OUT
LMV232
RFB
+
-
OFF
RF SIGNAL
BS
RFIN2
RFIN1
X
2
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
Figure 27. Strategy 3: Calibration during normal operation
The calibration measurement procedure can be explained with the aid of Figure 21, which depicts a typical power
measurement setup using the LMV232. In normal operation, the two PA’s in the setup will never be active at the
same time. One PA will produce the required transmit power, while the other one is off, (disabled) and produces
no power. The pedestal voltage should be measured in the absence of RF power. This can be achieved by
switching the Band Select (BS) pin such that the LMV232 input is selected where the disabled PA is connected
to. The pedestal voltage at no input power can be read at the output pin.
Using the Band Select (BS) control pin of the LMV232:
•
Select the RF input that is connected to the disabled PA, by the BS pin.
•
Measure the detector output.
•
Store the result in the phone memory.
•
Subtract the stored value from each detector power reading, until a new update is performed.
Important advantages of this approach are that no factory trim is required and the temperature drift of the
pedestal can be cancelled almost completely as well as the part-to-part spread. The remaining error is
determined by the resolution of the ADC. A slight disadvantage is that on average more than one detector
reading is required per power measurement. This overhead though can be made almost negligible in normal
circumstances.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com