Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV232TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV232TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 10Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 11Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 12Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 13Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 14Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
RFB
ADC
-
+
FB
OUT
+
LMV232
VREF
IOS
IDET
-
+
LMV232
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
The advantage of this strategy is that calibration is required only once during manufacturing and not during
normal operation. The disadvantage is the fact that this method neither compensates for the residual
temperature drift of the reference voltage VREF nor for offset current variations. Only part-to-part variations at
room temperature are eliminated by this strategy. Especially the residual temperature drift negatively affects the
measurement accuracy.
Strategy 2: Elimination of Temperature Spread in VREF
If software changes need to be reduced to a minimum and the baseband chip has a differential ADC, strategy 2
can be used to eliminate temperature variations of the reference voltage VREF. One pin of the ADC is connected
to FB and one is connected to OUT (Figure 26).
Figure 26. Strategy 2: Differential Measurement
The power measurement is independent of the reference voltage VREF, since the ADC reading is:
VOUT-VFB = (IOS + IDET) * RFB
The reading of the ADC obviously doesn’t contain the reference voltage source VREF anymore, but the
contribution of the offset current remains present. This measurement is performed during normal operation.
Therefore, it eliminates voltage reference variations over temperatures, as opposed to strategy 1. Also offset
variations in the op amp are eliminated in this strategy.
Strategy 3: Complete Elimination of Temperature Spread in Pedestal Voltage
The most accurate measurement is strategy 3, which eliminates the temperature variation of both the reference
voltage VREF and the offset current IOS. In this strategy, the pedestal voltage is measured regularly during
operation of the phone, and stored in the phone memory. For each power measurement, the stored value is
digitally subtracted from the (analog-to-digital converted) detector output signal. Since it measures the pedestal
voltage itself for calibration it compensates both for the reference voltage VREF as well as for the offset current
variation IOS. The frequency of the ‘calibration measurement’ can be significantly lower than those of power
measurements, depending on how fast the temperature of the device changes.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com