Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA400A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 4Page - STMicroelectronics STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics STA400A Datasheet HTML 10Page - STMicroelectronics STA400A Datasheet HTML 11Page - STMicroelectronics STA400A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
STA400A
8/117
ADC ELECTRICAL CHARACTERISTCS: (Tamb = -40 to +85°C, VDD =1.8V, AVDD = 1.65 to 1.95V,
VDD3 = 3.3V unless otherwise specified
ADC Analog Input
ADC Reference Voltage
ADC Accuracy
ADC Dynamic Characteristics
Note1: Input resistance from conversion frequency fC: RIN = (35KΩ x 75MHz)/fC
Note2: Guaranteed by Design
MASTER CLOCK INPUT ELECTRICAL CHARACTERISTCS: (Tamb = -40 to +85°C, VDD =1.65 to 1.95V,
AVDD = 1.65 to 1.95V, VDD3 = 3.0 to 3.6V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF2xA_P,
IF2xA_N
Voltage Range
0.75
Vpp
XINCM
Internal Common Mode
0.375
0.625
V
Rin
(1)
Input Resistance 2)
@75MHz
35
k
Ω
Cin
Input Capacitance 2)
800
fF
BW
Analog Bandwidth 2)
200
MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
XREFP
Top internal voltage
reference
0.75
±50mV
V
XREFM
Bottom internal voltage
reference
0V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential Non-Linearity
Tamb = 25°C ; AVDD = 1.8V
-1.5
±0.9
1.5
LSB
INL
Integral Non-Linearity
Tamb = 25°C; AVDD = 1.8V
-2.0
±1.5
2.0
LSB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SNR
Signal to Noise Ratio 2)
Fs = 75Msps, Fin = 15MHz;
AVDD = 1.8V
57
dB
SINAD
Signal to Noise and 2)
Distortion Ratio
Fs = 75Msps, Fin = 15MHz
AVDD = 1.8V
56
dB
THD
Total Harmonic Distortion 2) Fs = 75Msps, Fin = 15MHz
AVDD = 1.8V
57
dB
ENOB
Effective number of bit 2)
Fs = 10Msps, Fin = 10MHz
AVDD = 1.8V
9.5
bit
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMCLK
Master clock input voltage
swing
0.8
1
1.2
Vpp
VMCLKOFS
Master clock input Voltage
offset
Vdd/2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com