Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA400A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 2Page - STMicroelectronics STA400A Datasheet HTML 3Page - STMicroelectronics STA400A Datasheet HTML 4Page - STMicroelectronics STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics STA400A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 117 page
background image
STA400A
6/117
1. Direct connection to core
2. Connected to the internal oscillator buffer via 460 Ohm series resistor
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Notes: 1. according to JEDEC specification on a 4 layers board
[95:100]
MADD[0:5]
O
External Memory Address
2mA Output Driver
[103:106]
MADD[6:9]
O
External Memory Address
2mA Output Driver
108
MFP_CLK
O
TDM Master Frame Clock
2mA Output Driver
[109:110]
MADD[10:11]
O
External Memory Address
2mA Output Driver
[111:112]
MBS[0:1]
O
External Memory Block Selection
2mA Output Driver
113
MCKE
O
External Memory Clock Enable
2mA Output Driver
[117:118]
MCS[0:1]
O
External Memory Chip Select
2mA Output Driver
119
MDQM
O
External Memory Data Mask
2mA Output Driver
[120:127]
MDQ[0:7]
I/O
External Memory Data Input Output
BiDir Buffer. 2mA
Driver
130
RAS
O
External Memory Row Address Strobe
2mA Output Driver
131
CAS
O
External Memory Column Address Strobe
2mA Output Driver
132
MWE
O
External Memory Write Enable
2mA Output Driver
[133:137]
FTESTOUT[0:4]
O
Configurable Functional Test Output
2mA Output Driver
[140:144]
FTESTOUT[5:9]
O
Configurable Functional Test Output
2mA Output Driver
Symbol
Parameter
Value
Unit
VDD, AVDD
1.8V Power supply Voltage
-0.5 to 2.5
V
VDD3
3.3V Power Supply Voltage
-0.5 to 4
V
Vi
Voltage on input pin
-0.5 to (Vdd3 + 0.5)
V
Vo
Voltage on output pin
-0.5 to (Vdd3 + 0.5)
V
Via
Voltage on analog input pin
-0.8 to (AVdd + 0.8)
V
Voa
Voltage on analog output pin
-0.8 to (AVdd + 0.8)
V
Tstg
Storage Temperature
-55 to +150
°C
Toper
Operative Ambient Temperature
-40 to +85
°C
Tj
Operative Junction Temperature
-40 to +125
°C
Symbol
Parameter
Value
Unit
Rj-amb
Thermal Resistence junction to ambient(1)
40
ºC/W
Pin N°
Pin Name
Type
Function
PAD Description
PIN DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com