| Electronic Components Datasheet Search |
|
STA400A Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 117 page ![]() STA400A 110/117 Cf_KexpActExp_M - Coarse Frequency Confidence Exponent of AMSS Before Averaging With each received AMSS sequence a new frequency estimate is calculated together with a confidence value. Then an averaging over good estimates is performed. Within this register the confidence exponent of the coarse frequency estimate of the received AMSS before averaging is held. Cf_Est_M - Coarse Frequency Estimation of AMSS After averaging With each received AMSS sequence a new frequency estimate is calculated together with a confidence value. Then an averaging over good estimates is performed. Within this register the coarse frequency estimate of the received AMSS after averaging is held. Cf_EstExp_M - Coarse Frequency Confidence Exponent of AMSS After Averaging With each received AMSS sequence a new frequency estimate is calculated together with a confidence value. Then an averaging over good estimates is performed. Within this register the confidence exponen of the coarse frequency estimate of the received AMSS after averaging is held._ AvgEst_M - Current Coarse Frequency Averager Estimates This register shows the current CF estimate after the MCM CF Averager which is applied to the MCM Frequency Control. With each received CF estimate an new averaged CF estimte is put out when the corresponding con- fidence value exceeds the required threshold. Type: SingleByte - R Word Length: 8 Byte Name Address (Hex) Bit Map Reset Value (Hex) Cf_KexpActExp_M 0735 7-0 -- Type: SingleByte - R/W Word Length: 16 Byte Name Address (Hex) Bit Map Reset Value (Hex) Cf_Est2_M 0741 15-8 -- Cf_Est1_M 0740 7-0 -- Type: SingleByte - R Word Length: 8 Byte Name Address (Hex) Bit Map Reset Value (Hex) Cf_EstExp_M 0745 7-0 -- Type: SingleByte - R/W Word Length: 16 Byte Name Address (Hex) Bit Map Reset Value (Hex) Cf_AvgEst2_M 0751 15-8 -- Cf_AvgEst1_M 0750 7-0 -- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |