Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3996SD-1018/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3996SD-1018/NOPB
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996SD-1018/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3996SD-1018/NOPB Datasheet HTML 1Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 2Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 3Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 4Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 5Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 6Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 7Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 8Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VIN
GND
6
5
EN1
4
POR
1
VOUT1
2
GND
3
N/C
Top View
7
8
9
10
VOUT2
EN2
SET
CBYP
LP3996
www.ti.com
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
Connection Diagram
Figure 1. WSON-10 Package
See Package Number DSC0010A
Table 1. Additional Device Information (1)
VOUT1/VOUT2 (V)
ORDER NUMBER
0.8/3.3
LP3996SD/X-0833/NOPB
1.0/1.8
LP3996SD/X-1018/NOPB
1.5/2.5
LP3996SD/X-1525/NOPB
1.8/3.3
LP3996SD/X-1833/NOPB
2.5/3.3
LP3996SD/X-2533/NOPB
2.8/2.8
LP3996SD/X-2828/NOPB
3.0/3.0
LP3996SD/X-3030/NOPB
3.0/3.3
LP3996SD/X-3033/NOPB
3.3/0.8
LP3996SD/X-3308/NOPB
3.3/3.3
LP3996SD/X-3333/NOPB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com