Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3996SD-1018/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3996SD-1018/NOPB
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996SD-1018/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3996SD-1018/NOPB Datasheet HTML 1Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 2Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 3Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 4Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 5Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 6Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 7Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 8Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LP3996
VIN
EN1
EN2
CBYP
SET
POR
VOUT1
VOUT2
1 PF
1 PF
1 PF
VIN
EN1
EN2
VOUT1
VOUT2
POR
470 k:
GND
10 nF
Sets delay
for POR
LP3996
www.ti.com
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
Check for Samples: LP3996
1
FEATURES
APPLICATIONS
2
•
2 LDO Outputs with Independent Enable
•
Cellular Handsets
•
1.5% Accuracy at Room Temperature, 3% Over
•
PDAs
Temperature
•
Wireless Network Adaptors
•
Power-On-Reset Function with Adjustable
Delay
DESCRIPTION
The LP3996 is a dual low dropout regulator with
•
Thermal Shutdown Protection
power-on-reset circuit. The first regulator can source
•
Stable with Ceramic Capacitors
150 mA, while the second is capable of sourcing 300
mA and has a power-on-reset function included.
KEY SPECIFICATIONS
The LP3996 provides 1.5% accuracy requiring an
•
Input Voltage Range 2.0V to 6.0V
ultra low quiescent current of 35 µA. Separate enable
•
Low Dropout Voltage 210 mV at 300 mA
pins allow each output of the LP3996 to be shut
down, drawing virtually zero current.
•
Ultra-Low IQ (Enabled) 35 µA
•
Virtually Zero IQ (Disabled) <10 nA
The LP3996 is designed to be stable with small
footprint ceramic capacitors down to 1 µF. An
•
Package Available in Lead-Free Option
external capacitor may be used to set the POR delay
10-pin 3 mm x 3 mm
time as required.
The LP3996 is available in fixed output voltages and
comes in a 10-pin, 3 mm x 3 mm package.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3996SD-1018/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996SD-1525 NSC-LP3996SD-1525 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP3996SD-1525/NOPB TI2-LP3996SD-1525/NOPB Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
LP3996SD-1525/NOPB.A TI2-LP3996SD-1525/NOPB.A Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
LP3996SD-1833/NOPB TI2-LP3996SD-1833/NOPB Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
LP3996SD-1833/NOPB.A TI2-LP3996SD-1833/NOPB.A Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
More results

Similar Description - LP3996SD-1018/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
low dropout CMOS regulators with 150 mA and 300 mA
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com