Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3996SD-1018/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3996SD-1018/NOPB
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996SD-1018/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3996SD-1018/NOPB Datasheet HTML 1Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 2Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 3Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 4Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 5Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 6Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 7Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 8Page - Texas Instruments LP3996SD-1018/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP3996
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Input Voltage to GND
–0.3V to 6.5V
VOUT1, VOUT2 EN1 and EN2 Voltage to GND
–0.3V to (VIN + 0.3V) with 6.5V
(max)
POR to GND
–0.3V to 6.5V
Junction Temperature (TJ-MAX)
150°C
Lead/Pad Temp(3)
235°C
Storage Temperature
–65°C to 150°C
Continuous Power Dissipation Internally Limited(4)
Human Body Model
2.0kV
ESD Rating(5)
Machine Model
200V
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage can occur. Recommended Operating Conditions are conditions under
which operation of the device is ensured. Recommended Operating Conditions do not imply ensured performance limits. For ensured
performance limits and associated test conditions, see the Electrical Characteristics tables.
(3)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note AN-1187, Leadless Leadframe
Package.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
(5)
The human body model is 100 pF discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor
discharged directly into each pin.
RECOMMENDED OPERATING CONDITIONS
(1) (2)
Input Voltage
2.0V to 6.0V
EN1, EN2, POR Voltage
0 to (VIN + 0.3V) to 6.0V (max)
Junction Temperature
–40°C to 125°C
Ambient Temperature TA Range
(3)
–40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Recommended Operating Conditions are conditions under
which operation of the device is ensured. Recommended Operating Conditions do not imply ensured performance limits. For ensured
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All Voltages are with respect to the potential at the GND pin.
(3)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
THERMAL PROPERTIES
(1)
Junction-To-Ambient Thermal Resistance(2)
θJA WSON-10 Package
55°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Recommended Operating Conditions are conditions under
which operation of the device is ensured. Recommended Operating Conditions do not imply ensured performance limits. For ensured
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
Junction-to-ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible; special care must be paid to thermal dissipation issues in board design.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com