Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF1004I-2.5/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF1004I-2.5/2K5
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1004I-2.5/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  REF1004I-2.5/2K5 Datasheet HTML 1Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 2Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 3Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 4Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 5Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 6Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 7Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 8Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
3
REF1004
TYPICAL PERFORMANCE CURVES 1.2V
TA = +25°C unless otherwise noted.
REVERSE CHARACTERISTICS
Reverse Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
10
1
0.1
–40°C
≤ T
A ≤ +85°C
Temperature (°C)
–55
–35
–15
5
25
45
65
85
105
125
1.245
1.240
1.235
1.230
1.225
TEMPERATURE DRIFT
REVERSE DYNAMIC IMPEDANCE
Reverse Current (mA)
0.01
0.1
1
10
100
100
10
1
0.1
f = 25Hz
–40°C to +85°C
FORWARD CHARACTERISTICS
1.2
0.8
0.4
0.0
Forward Current (mA)
0.01
0.1
1
10
100
T
A = 25°C
16
12
8
4
0
–4
REVERSE VOLTAGE CHANGE
Reverse Current (mA)
1
0.01
0.1
10
100
–40°C
≤ T
A ≤ +85°C
REVERSE DYNAMIC IMPEDANCE
Frequency (Hz)
10
100
1k
10k
100k
1M
10k
1k
100
10
1
0.1
T
A = +25°C
I
REF = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com