Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF1004I-2.5/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF1004I-2.5/2K5
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1004I-2.5/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  REF1004I-2.5/2K5 Datasheet HTML 1Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 2Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 3Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 4Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 5Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 6Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 7Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 8Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.2V and 2.5V Micropower
VOLTAGE REFERENCE
FEATURES
q INITIAL ACCURACY:
REF1004-1.2
±4mV
REF1004-2.5
±20mV
q MINIMUM OPERATING CURRENT:
REF1004-1.2 10
µA
REF1004-2.5 20
µA
q EXCELLENT LONG TERM
TEMPERATURE STABILITY
q VERY LOW DYNAMIC IMPEDANCE
q OPERATES UP TO 20mA
q PACKAGE: 8-Lead SOIC
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
REF1004
NC
NC
NC
Anode
Cathode
NC
Cathode
NC
1
2
3
4
8
7
6
5
Typical Operating Circuit
(Top View)
APPLICATIONS
q BATTERY POWERED TEST EQUIPMENT
q PORTABLE MEDICAL INSTRUMENTATION
q PORTABLE COMMUNICATIONS DEVICES
q A/D AND D/A CONVERTERS
q NOTEBOOK AND PALMTOP COMPUTERS
DESCRIPTION
The REF1004-1.2 and REF1004-2.5 are two terminal
bandgap reference diodes designed for high accuracy
with outstanding temperature characteristics at low
operating currents. Prior to the introduction of the
REF1004 Micropower Voltage References, accuracy
and stability specifications could only be attained by
expensive screening of standard devices. The REF1004
is a cost effective solution when reference voltage
accuracy, low power, and long term temperature sta-
bility are required.
REF1004 is a drop-in replacement for the LT1004 as
well as an upgraded replacement of the LM185/385
series references. The REF1004C is characterized for
operation from 0
°C to 70°C and the REF1004I is
characterized for operation from –40
°C to +85°C.
The REF1004 is offered in an 8-lead Plastic SOIC
package and shipped in anti-static rails or tape and
reel.
©1992 Burr-Brown Corporation
PDS-1172
Printed in U.S.A. October, 1993
SBVS002


Similar Part No. - REF1004I-2.5/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1004I-2.5/2K5 BURR-BROWN-REF1004I-2.5/2K5 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Texas Instruments
REF1004I-2.5/2K5 TI2-REF1004I-2.5/2K5 Datasheet
190Kb / 13P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004I-2.5/2K5.A TI2-REF1004I-2.5/2K5.A Datasheet
190Kb / 13P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results

Similar Description - REF1004I-2.5/2K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com