Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF1004I-2.5/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF1004I-2.5/2K5
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1004I-2.5/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF1004I-2.5/2K5 Datasheet HTML 4Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 5Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 6Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 7Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 8Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 9Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 10Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 11Page - Texas Instruments REF1004I-2.5/2K5 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REF1004C-1.2/2K5
SOIC
D
8
2500
346.0
346.0
29.0
REF1004C-2.5/2K5
SOIC
D
8
2500
346.0
346.0
29.0
REF1004I-1.2/2K5
SOIC
D
8
2500
346.0
346.0
29.0
REF1004I-2.5/2K5
SOIC
D
8
2500
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com