Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS0232PZ Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 47Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 48Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 49Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 50Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 51Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 52Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 53Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
6.10 Flash Program and Erase Timings for Program Flash
Table 6-20. Timing Specifications for Program Flash
PARAMETER
MIN
NOM
MAX
UNIT
tprog (144bit)
Wide Word (144 bit) programming time
40
300
µs
-40°C to 125°C
4
tprog (Total)
384KByte programming time(1)
s
0°C to 60°C, for first
1
2
25 cycles
-40°C to 125°C
0.30
4
s
terase
Sector/Bank erase time(2)
0°C to 60°C, for first
16
100
ms
25 cycles
Write/erase cycles with 15 year Data Retention
twec
-40°C to 125°C
1000
cycles
requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
6.11 Flash Program and Erase Timings for Data Flash
Table 6-21. Timing Specifications for Data Flash
PARAMETER
MIN
NOM
MAX
UNIT
tprog (72 bit)
Wide Word (72 bit) programming time
47
300
µs
–40°C to 125°C
330
tprog (Total)
16KB programming time(1)
ms
0°C to 60°C, for first
100
165
25 cycles
–40°C to 125°C
0.200
8
s
terase
Sector/Bank erase time(2)
0°C to 60°C, for first
14
100
ms
25 cycles
Write/erase cycles with 15 year Data Retention
twec
–40°C to 125°C
100000
cycles
requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 72 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
Copyright © 2014–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
51
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com