Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS0232PZ Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS570LS0232PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232PZ Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS570LS0232PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 55Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 56Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 57Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 58Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 59Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 60Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 61Page - Texas Instruments TMS570LS0232PZ Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
310
Compare
control
INTy
Compare
Update
compare
Fromcounter
block0
Fromcounter
block1
RTIUDCPy
RTICOMPy
310
+
TMS570LS0232
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
Figure 6-12 shows a typical high-level block diagram for one of the four compares inside the RTI module.
Each of the four compares are identical.
Figure 6-12. Compare Block Diagram
6.16.3 Clock Source Options
The RTI module uses the RTICLK clock domain for generating the RTI time bases.
The application can select the clock source for the RTICLK by configuring the RCLKSRC register in the
System module at address 0xFFFFFF50. The default source for RTICLK is VCLK.
For more information, on the clock sources see Table 6-8 and Table 6-12.
6.17 Error Signaling Module
The Error Signaling Module (ESM) manages the various error conditions on the TMS570 microcontroller.
The error condition is handled based on a fixed severity level assigned to it. Any severe error condition
can be configured to drive a low level on a dedicated device terminal called nERROR. This can be used
as an indicator to an external monitor circuit to put the system into a safe state.
6.17.1 Features
The features of the Error Signaling Module are:
•
128 interrupt/error channels are supported, divided into 3 different groups
–
64 channels with maskable interrupt and configurable error pin behavior
–
32 error channels with nonmaskable interrupt and predefined error pin behavior
–
32 channels with predefined error pin behavior only
•
Error pin to signal severe device failure
•
Configurable timebase for error signal
•
Error forcing capability
6.17.2 ESM Channel Assignments
The Error Signaling Module (ESM) integrates all the device error conditions and groups them in the order
of severity. Group1 is used for errors of the lowest severity while Group3 is used for errors of the highest
severity. The device response to each error is determined by the severity group it is connected to.
Table 6-26 shows the channel assignment for each group.
58
System Information and Electrical Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com