| Electronic Components Datasheet Search |
|
TMS570LS0232PZ Datasheet(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS0232PZ Datasheet(HTML) 54 Page - Texas Instruments |
|
54 / 109 page ![]() TMS570LS0232 SPNS242A – OCTOBER 2014 – REVISED JUNE 2015 www.ti.com 6.14.2 On-Chip SRAM Auto Initialization This microcontroller allows some of the on-chip memories to be initialized through the Memory Hardware Initialization mechanism in the System module. This hardware mechanism allows an application to program the memory arrays with error detection capability to a known state based on their error detection scheme (odd/even parity or ECC). The MINITGCR register enables the memory initialization sequence, and the MSINENA register selects the memories that are to be initialized. For more information on these registers refer to the device Technical Reference Manual. The mapping of the different on-chip memories to the specific bits of the MSINENA registers is shown in Table 6-23. Table 6-23. Memory Initialization ADDRESS RANGE MSINENA REGISTER CONNECTING MODULE BIT NO.(1) BASE ADDRESS ENDING ADDRESS RAM 0x08000000 0x08007FFF 0 MIBSPI1 RAM 0xFF0E0000 0xFF0FFFFF 7(2) DCAN2 RAM 0xFF1C0000 0xFF1DFFFF 6 DCAN1 RAM 0xFF1E0000 0xFF1FFFFF 5 MIBADC RAM 0xFF3E0000 0xFF3FFFFF 8 N2HET RAM 0xFF460000 0xFF47FFFF 3 HTU RAM 0xFF4E0000 0xFF4FFFFF 4 VIM RAM 0xFFF82000 0xFFF82FFF 2 (1) Unassigned register bits are reserved. (2) The MibSPI1 module performs an initialization of the transmit and receive RAMs as soon as the module is brought out of reset using the SPI Global Control Register 0 (SPIGCR0). This is independent of whether the application chooses to initialize the MibSPI1 RAMs using the system module auto-initialization method. 54 System Information and Electrical Specifications Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS0232 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |