Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19110T-E/MJ Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP19110T-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110T-E/MJ Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP19110T-E/MJ Datasheet HTML 78Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 79Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 80Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 81Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 82Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 83Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 84Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 85Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
MCP19110/11
DS20002331D-page 82
 2013-2016 Microchip Technology Inc.
12.2
Code Protection
Code protection allows the device to be protected from
unauthorized access. Internal access to the program
memory is unaffected by any code protection setting.
12.2.1
PROGRAM MEMORY PROTECTION
The entire program memory space is protected from
external reads and writes by the CP bit in the
Configuration Word. When CP = 0, external reads and
writes of the program memory are inhibited and a read
will return all ‘0’s. The CPU can continue to read
program memory, regardless of the protection bit
settings. Writing the program memory is dependent
upon the write protection setting. See Section 12.3
“Write Protection” for more information.
12.3
Write Protection
Write protection allows the device to be protected from
unintended
self-writes.
Applications,
such
as
bootloader software, can be protected while allowing
other regions of the program memory to be modified.
The WRT<1:0> bits in the Configuration Word define
the size of the program memory block that is protected.
12.4
ID Locations
Four
memory
locations
(2000h – 2003h)
are
designated as ID locations where the user can store
checksum or other code identification numbers. These
locations are not accessible during normal execution
but are readable and writable during Program/Verify
mode. Only the Least Significant seven bits of the ID
locations are reported when using MPLAB Integrated
Development Environment (IDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com