| Electronic Components Datasheet Search |
|
MCP19110T-E/MJ Datasheet(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19110T-E/MJ Datasheet(HTML) 85 Page - Microchip Technology |
|
85 / 226 page ![]() 2013-2016 Microchip Technology Inc. DS20002331D-page 85 MCP19110/11 14.0 RESETS The Reset logic is used to place the MCP19110/11 into a known state. The source of the Reset can be determined by using the device status bits. There are multiple ways to reset this device: • Power-on Reset (POR) • Overtemperature Reset (OT) •MCLR Reset • WDT Reset To allow VDD to stabilize, an optional power-up timer can be enabled to extend the Reset time after a POR event. Some registers are not affected in any Reset condition; their status is unknown on POR and unchanged in any other Reset. Most other registers are reset to a “Reset state” on: • Power-on Reset •MCLR Reset •MCLR Reset during Sleep • WDT Reset WDT wake-up does not cause register resets in the same manner as a WDT Reset, since wake-up is viewed as the resumption of normal operation. TO and PD bits are set or cleared differently in different Reset situations, as indicated in Table 14-1. Software can use these bits to determine the nature of the Reset. See Table 14-2 for a full description of Reset states of all registers. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 14-1. The MCLR Reset path has a noise filter to detect and ignore small pulses. See Section 5.0 “Digital Electrical Characteristics” for pulse-width specifications. FIGURE 14-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR/VPP pin VDD WDT Module VDD Rise Detect On-Chip WDT Time-out Power-on Reset PWRT Chip_Reset 11-bit Ripple Counter Reset Enable PWRT Sleep Note 1: Refer to the Configuration Word register (Register 12-1). RC OSC TABLE 14-1: TIME-OUT IN VARIOUS SITUATIONS Power-up Wake-up from Sleep PWRTE = 0 PWRTE = 1 TPWRT —— |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |