Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19111-E/MJ Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP19111-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111-E/MJ Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP19111-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 75Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 76Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 77Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 226 page
background image
MCP19110/11
DS20002331D-page 74
 2013-2016 Microchip Technology Inc.
TABLE 11-3:
MCP19110/11 SPECIAL REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Values on
all other
resets(1)
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx uuuu uuuu
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
82h
PCL
Program Counter's (PC) Least Significant byte
0000 0000 0000 0000
83h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx 000q quuu
84h
FSR
Indirect data memory address pointer
xxxx xxxx uuuu uuuu
85h
TRISGPA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111 1111 1111
86h
TRISGPB
TRISB7
TRISB6
TRISB5
TRISB4
—
TRISB2
TRISB1
TRISB0
1111 1111 1111 1111
87h
PIE1
—
ADIE
BCLIE
SSPIE
—
—
TMR2IE
TMR1IE
-000 --00 -000 --00
88h
PIE2
UVIE
—OCIE
OVIE
—
—
VINIE
DCERIE
0-00 --00 0-00 --00
89h
APFCON
—
—
—
—
—
—
—CLKSEL
---- ---0 ---- ---0
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000 ---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF(4)
0000 000x 0000 000u
8Ch
—
Unimplemented
—
—
8Dh
—
Unimplemented
—
—
8Eh
—
Unimplemented
—
—
8Fh
—
Unimplemented
—
—
90h
VINLVL
UVLOEN
—
UVLO5
UVLO4
UVLO3
UVLO2
UVLO1
UVLO0
0-xx xxxx 0-uu uuuu
91h
OCCON
OCEN
OCLEB1
OCLEB0
OOC4
OOC3
OOC2
OOC1
OOC0
0xxx xxxx 0uuu uuuu
92h
—
—
—
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved --xx xxxx --uu uuuu
93h
CSGSCON
—
Reserved
Reserved
Reserved
CSGS3
CSGS2
CSGS1
CSGS0
-xxx xxxx -uuu uuuu
94h
—
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved xxxx xxxx uuuu uuuu
95h
CSDGCON
CSDGEN
—
—
—
Reserved
CSDG2
CSDG1
CSDG0
0--- xxxx 0--- uuuu
96h
—
—
—
—
—
Reserved
Reserved
Reserved
Reserved ---- xxxx ---- uuuu
97h
VZCCON
VZC7
VZC6
VZC5
VZC4
VZC3
VZC2
VZC1
VZC0
xxxx xxxx uuuu uuuu
98h
CMPZCON
CMPZF3
CMPZF2
CMPZF1
CMPZF0
CMPZG3
CMPZG2
CMPZG1
CMPZG0
xxxx xxxx uuuu uuuu
99h
OUVCON
OUV7
OUV6
OUV5
OUV4
OUV3
OUV2
OUV1
OUV0
xxxx xxxx uuuu uuuu
9Ah
OOVCON
OOV7
OOV6
OOV5
OOV4
OOV3
OOV2
OOV1
OOV0
xxxx xxxx uuuu uuuu
9Bh
DEADCON
HDLY3
HDLY2
HDLY1
HDLY0
LDLY3
LDLY2
LDLY1
LDLY0
xxxx xxxx uuuu uuuu
9Ch
SLPCRCON
SLPG3
SLPG2
SLPG1
SLPG0
SLPS3
SLPS2
SLPS1
SLPS0
xxxx xxxx uuuu uuuu
9Dh
SLVGNCON
—
—
—
SLVGN4SLVGN3SLVGN2SLVGN1SLVGN0
---x xxxx ---u uuuu
9Eh
RELEFF
MSDONE
RE6
RE5
RE4
RE3
RE2
RE1
RE0
0000 0000 0000 0000
9Fh
—
Unimplemented
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
IRP & RP1 bits are reserved, always maintain these bits clear.
3:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.
4:
MCLR and WDT Reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will set again if the
mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com