Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19111-E/MJ Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP19111-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111-E/MJ Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP19111-E/MJ Datasheet HTML 77Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 78Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 79Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 80Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 81Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 82Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 83Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 84Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 81
MCP19110/11
12.0 DEVICE CONFIGURATION
Device Configuration consists of Configuration Word,
and Code Protection.
12.1
Configuration Word
There are several Configuration Word bits that allow
different timers to be enabled and memory protection
options. These are implemented as Configuration
Word at 2007h
.
Note:
The DBGEN bit in Configuration Word is
managed
automatically
by
device
development tools, including debuggers
and programmers. For normal device
operation, this bit should be maintained as
a '1'.
REGISTER 12-1:
CONFIG – CONFIGURATION WORD REGISTER
R/P-1
U-1
R/P-1
R/P-1
U-1
U-1
DBGEN
—
WRT1
WRT0
—
—
bit 13
bit 8
U-1
R/P-1
R/P-1
R/P-1
R/P-1
U-1
U-1
U-1
—CP
MCLRE
PWRTE
WDTE
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13
DBGEN: ICD Debug bit
1 = ICD debug mode disabled
0 = ICD debug mode enabled
bit 12
Unimplemented: Read as ‘1’
bit 11-10
WRT<1:0>: Flash Program Memory Self Write Enable bit
11 = Write protection off
10 = 000h to 3FFh write protected, 400h to FFFh may be modified by PMCON1 control
01 = 000h to 7FFh write protected, 800h to FFFh may be modified by PMCON1 control
00 = 000h to FFFh write protected, entire program memory is write protected.
bit 9-7
Unimplemented: Read as ‘1’
bit 6
CP: Code Protection
1 = Program memory code protection is disabled
0 = Program memory code protection is enabled
bit 5
MCLRE: MCLR Pin Function Select
1 =MCLR pin is MCLR function and weak internal pull-up is enabled
0 =MCLR pin is alternate function, MCLR function is internally disabled
bit 4
PWRTE: Power-up Timer Enable bit
1 = PWRT disabled
0 = PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 2-0
Unimplemented: Read as ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com