Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19111-E/MJ Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP19111-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111-E/MJ Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP19111-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 19
MCP19110/11
EQUATION 3-3:
CALCULATING FILTER
VALUES
Both AC gain and DC gain can be added to the current
sense signal. Refer to Section 6.3 “Current Sense
AC Gain” and Section 6.4 “Current Sense DC Gain”
for more information.
3.7.1
PLACEMENT OF THE CURRENT
SENSE FILTER COMPONENTS
The amplitude of the current sense signal is typically
less than 100 mV peak-to-peak. Therefore, the small
signal current sense traces are very susceptible to
circuit noise. When designing the printed circuit board,
placement of RS and CS is very important. The +ISEN
and -ISEN traces should be routed parallel to each other
with minimum spacing. This Kelvin sense routing
technique helps minimize noise sensitivity. The filter
capacitor (CS), should be placed as close to the
MCP19110/11 as possible. This will help filter any noise
that is injected onto the current sense lines. The trace
connecting CS to the inductor should occur directly at
the inductor and not at any other +VSEN trace. The filter
resistor (RS), should be placed close to the inductor.
See Figure 3-3 for component placement. Care should
also be taken to avoid routing the +ISEN and -ISEN
traces near the high current switching nodes of the
HDRV, LDRV, PHASE, or BOOST traces. It is
recommended that a ground layer be placed between
these high current traces and the small signal current
sense traces.
FIGURE 3-3:
CURRENT SENSE FILTER COMPONENT PLACEMENT
L
RL
------
RS CS

=
Where:
- L is the inductance value of the output
inductor
-RL is the series resistance of the output
inductor
-RS is the current sense filter resistor
-CS is the current sense filter capacitor
+ISEN
-ISEN
INDUCTOR
To
Load
To
PHASE
RS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com