Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 3 Page - Microchip Technology

  MCP2035 Datasheet HTML 1Page - Microchip Technology MCP2035 Datasheet HTML 2Page - Microchip Technology MCP2035 Datasheet HTML 3Page - Microchip Technology MCP2035 Datasheet HTML 4Page - Microchip Technology MCP2035 Datasheet HTML 5Page - Microchip Technology MCP2035 Datasheet HTML 6Page - Microchip Technology MCP2035 Datasheet HTML 7Page - Microchip Technology MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 3
MCP2035
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS .......................................................................................................... -0.3V to +6.5V
Voltage on all other pins with respect to VSS ................................................................................. -0.3V to (VDD + 0.3V)
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin ..............................................................................................................................250 mA
Maximum LC Input Voltage (LCX) loaded, with device ....................................................................................... 10.0 VPP
Maximum LC Input Voltage (LCX) unloaded, without device ............................................................................ 700.0 VPP
Maximum Input Current (rms) into device (LCX Input Channel) .............................................................................10 mA
Human Body ESD rating......................................................................................................................2000 (minimum) V
Machine Model ESD rating ....................................................................................................................200 (minimum) V
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated),
Operating temperature: -40
C  TA  +85C, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz,
LCCOM connected to VSS, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN = LCYEN = 1.
Parameters
Sym.
Min.
Typ.(2)
Max.
Units
Conditions
Supply Voltage
VDD
2.0
3.0
3.6
V
VDD Start Voltage to ensure
internal
Power-on Reset signal
VPOR
——
1.8
V
Modulation Transistor-on
Resistance
RM
—
50
100
VDD =3.0V
Active Current (detecting signal)
1 LC Input Channel (LCX) is
Receiving Signal
IACT
—10
—
µA
CS =VDD
Input = Continuous Wave (CW)
Amplitude = 300 mVPP
LCX input channel is enabled.
Standby Current
(wait to detect signal)
ISTDBY
—2
5
µA
CS =VDD; ALERT =VDD
LCX input channel is enabled.
Sleep Current
ISLEEP
—0.2
1
µA
CS =VDD; ALERT =VDD
Analog Input Leakage
Current on LCX and LCCOM
pins
IAIL
——
1µA
VDD =3.6V, VSS  VIN  1V with
respect to ground. Internal
tuning capacitors are switched
off, tested in Sleep mode
Digital Input Low Voltage
VIL
VSS
—0.3 VDD
V
SCLK, SDI, CS
Digital Input High Voltage
VIH
0.8 VDD
—VDD
V
SCLK, SDI, CS
Note 1:
These parameters are characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25
C unless otherwise stated. These parameters are for design
guidance only and are not tested.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com