Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 2Page - Microchip Technology MCP2035 Datasheet HTML 3Page - Microchip Technology MCP2035 Datasheet HTML 4Page - Microchip Technology MCP2035 Datasheet HTML 5Page - Microchip Technology MCP2035 Datasheet HTML 6Page - Microchip Technology MCP2035 Datasheet HTML 7Page - Microchip Technology MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology MCP2035 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
LCX Tuning Capacitor
CTUNX
—0
—
pF
VDD = 3.0V,
Config. Reg. 1,
bits <6:1> Setting = 000000
44
59
82
pF
63 pF ±30%
Config. Reg. 1, bits <6:1> Setting = 111111
63 steps, approx. 1 pF/step
Monotonic increment in capacitor value from setting =
000000
to 111111 by design
Q of Internal Input Tuning
Capacitors
Q_C
50(1)
——
Demodulator Charge Time
(delay time of demodulated
output to rise)
TDR
—50
—
µs
VDD = 3.0V
Minimum modulation depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
Demodulator Discharge Time (delay time of
demodulated
output to fall)
TDF
—50
—
µs
VDD = 3.0V
MOD depth setting = 33%
Input conditions:
Amplitude = 300 mVPP
Modulation depth = 100%
Rise time of LFDATA
TRLFDATA
—0.5
—
µs
VDD 3.0V. Time is measured from 10% to 90% of
amplitude
Fall time of LFDATA
TFLFDATA
—0.5
—
µs
VDD 3.0V
Time is measured from 10% to 90% of amplitude
Automatic Gain Control (AGC) stabilization
time (TAGC + TPAGC)
TSTAB
4—
—
ms
AGC initialization time
TAGC
—3.5
—
ms
High time after AGC initialization time
TPAGC
—62.5
—
µs
AC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated), Supply Voltage: 2.0V
VDD 3.6V, Operating temperature: -40°C  TA  +85°C,
LCCOM connected to VSS, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN =
LCYEN = 1.
Parameters
Sym.
Min.
Typ(2)
Max.
Units
Conditions
Note 1:
Parameter is characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
3:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
4:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com