Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 3Page - Microchip Technology MCP2035 Datasheet HTML 4Page - Microchip Technology MCP2035 Datasheet HTML 5Page - Microchip Technology MCP2035 Datasheet HTML 6Page - Microchip Technology MCP2035 Datasheet HTML 7Page - Microchip Technology MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology MCP2035 Datasheet HTML 10Page - Microchip Technology MCP2035 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Gap time after AGC stabilization time
TGAP
200
—
—
µs
Time element of pulse
TE
100
—
—
µs
Minimum pulse width
Time from exiting Sleep or POR to being
ready to receive signal
TRDY
——
50(1)
ms
Minimum time AGC level must be held after
receiving AGC Preserve command
TPRES
5(1)
—
—
ms
AGC level must not change more than 10% during
TPRES
Internal RC oscillator frequency
FOSC
27
32
35.5
kHz
Internal clock trimmed at 32 kHz during test
Inactivity Timer time-out
TINACT
13.5
16
17.75
ms
512 cycles of RC oscillator @ FOSC
Alarm Timer time-out
TALARM
27
32
35.5
ms
1024 cycles of RC oscillator @ FOSC
Input Resistance
(LCX)
RIN
—800(1)
—k
LCCOM grounded, VDD = 3V, FCARRIER = 125 kHz
Input Parasitic Capacitance
(LCX)
CIN
—24(1)
—
pF
LCCOM grounded, VDD = 3V, FCARRIER = 125 kHz
Minimum output enable filter high time
OEH (Bits Config0<8:7>
)
01
= 1 ms
TOEH
32 (~1 ms)
—
—
clock
count
RC oscillator = FOSC
(see FOSC specification
for variations).
Viewed from the pin input:
(Note 3)
10
= 2 ms
64 (~2 ms)
—
—
11
= 4 ms
128 (~4 ms)
—
—
00
= Filter Disabled
—
—
—
Minimum output enable filter low time
OEL (Bits Config0<6:5>
)
00
= 1 ms
TOEL
32 (~1 ms)
—
—
clock
count
RC oscillator = FOSC
Viewed from the pin input:
(Note 4)
01
= 1 ms
32 (~1 ms)
—
—
10
= 2 ms
64 (~2 ms)
—
—
11
= 4 ms
128 (~4 ms)
—
—
AC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated), Supply Voltage: 2.0V
VDD 3.6V, Operating temperature: -40°C  TA  +85°C,
LCCOM connected to VSS, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN =
LCYEN = 1.
Parameters
Sym.
Min.
Typ(2)
Max.
Units
Conditions
Note 1:
Parameter is characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
3:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
4:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com