Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221AT-I/ST Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2221AT-I/ST
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ST Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2221AT-I/ST Datasheet HTML 49Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 50Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 51Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 52Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 53Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 54Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 55Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 56Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 53
MCP2221A
3.1.14.1
Responses
TABLE 3-39:
RESPONSE 1 STRUCTURE
Byte
Index
Function Description
Value
Effect
0
0x61
Get SRAM Settings – command code echo
1
0x00
Command completed successfully
2
Length in bytes of the SRAM Chip
settings area.
3
Length in bytes of the SRAM GP
settings area.
4
Bit 7: CDC Serial Number Enumeration
Enable
1
The USB serial number will be used during the USB
enumeration of the CDC interface
0
No serial number descriptor will be presented during
the USB enumeration
Bit 6: Initial value for LEDUARTRX pin
option
This value represents the logic level signaled when no
UART RX activity takes places. When the UART RX (of
the MCP2221A) is receiving data, the LEDUARTRX pin
will take the negated value of this bit.
Bit 5: Initial value for LEDUARTTX pin
option.
This value represents the logic level signaled when no
UART TX transmission takes place. When the UART
TX (of the MCP2221A) is sending data, the
LEDUARTTX pin will take the negated value of this bit.
Bit 4: Initial value for LEDI2C pin option
This value represents the logic level signaled when no
I2C traffic occurs. When I2C traffic is active, the LEDI2C
pin (if enabled) will take the negated value of this bit.
Bit 3: Initial value for SSPND pin option
This value represents the logic level signaled when the
device is not in Suspend mode. Upon entering Suspend
mode, the SSPND pin (if enabled) will take the negated
value of this bit.
Bit 2: Initial value for USBCFG pin
option
This value represents the logic level signaled when the
device is not USB configured. When the device will be
USB-configured, the USBCFG pin (if enabled) will take
the negated value of this bit.
Bit 1-0: Chip Configuration security
option
10
Permanently locked
01
Password-protected
00
Unsecured
5Bit 7-5
Don’t
care
Bit 4-0: Clock Output divider value
If the GP pin (exposing the clock output) is enabled for
clock output operation, the divider value will be used on
the 48 MHz USB internal clock and its divided output
will be sent to this pin. (Bits 4-3 for duty cycle and bits
2-0 for the clock divider.)
6
Bit 7-6: DAC Reference voltage option
11
Reference voltage is 4.096V
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in
which the DAC uses other reference than VRM DAC;
e.g., VDD)
Bit 5: DAC reference option
1
DAC reference is VRM DAC voltage
0
DAC reference is VDD
Bit 4-0: Power-up DAC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com