Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221AT-I/ST Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP2221AT-I/ST
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ST Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP2221AT-I/ST Datasheet HTML 52Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 53Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 54Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 55Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 56Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 57Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 58Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 59Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
MCP2221A
DS20005565A-page 56
 2016 Microchip Technology Inc.
3.1.15
RESET CHIP
This command is used to force a Reset of the
MCP2221A device. This command is useful when the
Flash memory is updated with new data. The
MCP2221A would need to be re-enumerated to see the
new data.
25
GP3 Settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When the GP3 is set as an output GPIO, this value will
be present at the GP3 pin
Bit 3: GPIO Direction (Input/Output) –
Works only when GP3 is set for GPIO
operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP3 Designation
111
-100 Don’t care
011
Alternate function 1 (DAC2)
010
Alternate function 0 (ADC3)
001
Dedicated function operation (LED I2C)
000
GPIO operation
26-63
Don’t
care
TABLE 3-39:
RESPONSE 1 STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect
Note:
This command is the only command that
does not expect a response.
TABLE 3-40:
COMMAND STRUCTURE
Byte
Index
Value
Effect
0
0x70
Reset Chip – command code
10xAB
20xCD
30xEF
4-63
0x00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com