Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221AT-I/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP2221AT-I/ST
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP2221AT-I/ST Datasheet HTML 51Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 52Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 53Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 54Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 55Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 56Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 57Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 58Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 55
MCP2221A
22
GP0 Settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When the GP0 is set as an output GPIO, this value will
be present at the GP0 pin
Bit 3: GPIO Direction (Input/Output) –
Works only when GP0 is set for GPIO
operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP0 Designation
111
-011 Don’t care
010
Alternate function 0 (LED UART RX)
001
Dedicated function operation (SSPND)
000
GPIO operation
23
GP1 Settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When the GP1 is set as an output GPIO, this value will
be present at the GP1 pin
Bit 3: GPIO Direction (Input/Output) –
Works only when GP1 is set for GPIO
operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP1 Designation
111
-101 Don’t care
100
Alternate function 2 (Interrupt Detection)
011
Alternate function 1 (LED UART TX)
010
Alternate function 0 (ADC1)
001
Dedicated function operation (Clock Output)
000
GPIO operation
24
GP2 Settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When the GP2 is set as an output GPIO, this value will
be present at the GP2 pin
Bit 3: GPIO Direction (Input/Output) –
Works only when GP2 is set for GPIO
operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP2 Designation
111
-100 Don’t care
011
Alternate function 1 (DAC1)
010
Alternate function 0 (ADC2)
001
Dedicated function operation (USBCFG)
000
GPIO operation
TABLE 3-39:
RESPONSE 1 STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com