Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1804_13 Datasheet HTML 1Page - Microchip Technology MCP1804_13 Datasheet HTML 2Page - Microchip Technology MCP1804_13 Datasheet HTML 3Page - Microchip Technology MCP1804_13 Datasheet HTML 4Page - Microchip Technology MCP1804_13 Datasheet HTML 5Page - Microchip Technology MCP1804_13 Datasheet HTML 6Page - Microchip Technology MCP1804_13 Datasheet HTML 7Page - Microchip Technology MCP1804_13 Datasheet HTML 8Page - Microchip Technology MCP1804_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 5
MCP1804
Power Supply Ripple
Rejection Ratio
PSRR
—
50
—
dB
f = 1 kHz, IL =20 mA,
VIN_AC =0.5V pk-pk,
CIN =0 µF
Thermal Shutdown
Protection
TSD
—
150
—
°C
TJ = 150°C
Thermal Shutdown
Hysteresis
TSD
—
25
—
°C
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+85
°C
Operating Junction Temperature
Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-55
—
+125
°C
Thermal Package Resistance
Thermal Resistance, 3LD SOT-89
JA
—
180
—
°C/W
EIA/JEDEC® JESD51-7
FR-4 0.063 4-Layer Board
JC
—52
—
Thermal Resistance, 3LD SOT-223
JA
—62
—
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board
JC
—15
—
Thermal Resistance, 5LD SOT-23
JA
—
256
—
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board
JC
—81
—
Thermal Resistance, 5LD SOT-89
JA
—
180
—
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board
JC
—52
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VIN =VR +2.0V, Note 1,
COUT = 1 µF (X7R), CIN = 1 µF (X7R), VSHDN =VIN, TA =+25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The minimum VIN must meet one condition: VIN  (VR +2.0V).
2:
VR is the nominal regulator output voltage with an input voltage of VIN =VR +2.0V.
For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, etc.
3:
TCVOUT =(VOUT-HIGH -VOUT-LOW)*106 / (VR * Temperature), VOUT-HIGH = highest voltage measured
over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.
Changes in output voltage due to heating effects are determined using thermal regulation specification
TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
measured value with an applied input voltage of VR +2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com