Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 4Page - Microchip Technology MCP1804_13 Datasheet HTML 5Page - Microchip Technology MCP1804_13 Datasheet HTML 6Page - Microchip Technology MCP1804_13 Datasheet HTML 7Page - Microchip Technology MCP1804_13 Datasheet HTML 8Page - Microchip Technology MCP1804_13 Datasheet HTML 9Page - Microchip Technology MCP1804_13 Datasheet HTML 10Page - Microchip Technology MCP1804_13 Datasheet HTML 11Page - Microchip Technology MCP1804_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP1804
DS20002200D-page 8
 2009-2013 Microchip Technology Inc.
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA =+25°C,
VIN =VR +2.0V.
FIGURE 2-13:
Dropout Voltage vs. Load
Current.
FIGURE 2-14:
Dropout Voltage vs. Load
Current.
FIGURE 2-15:
Dropout Voltage vs. Load
Current.
FIGURE 2-16:
Supply Current vs. Input
Voltage.
FIGURE 2-17:
Supply Current vs. Input
Voltage.
FIGURE 2-18:
Supply Current vs. Input
Voltage.
1.5
2.0
2.5
3.0
3.5
4.0
V
R = 1.8V
T
A = 85°C
T
A = 25°C
T
A = -40°C
0.0
0.5
1.0
0
25
50
75
100
125
150
Output Current (mA)
1.5
2.0
2.5
3.0
3.5
4.0
V
R = 5V
T
A = 85°C
T
A = 25°C
T
A = -40°C
0.0
0.5
1.0
0
25
50
75
100
125
150
Output Current (mA)
1.5
2.0
2.5
3.0
3.5
4.0
V
R = 12V
T
A = 85°C
T
A = 25°C
T
A = -40°C
0.0
0.5
1.0
0
25
50
75
100
125
150
Output Current (mA)
30
40
50
60
70
V
R = 1.8V
8 °C
0
10
20
0
4
8
1216202428
Input Voltage (V)
T
A = 85°C
T
A = 25°C
T
A = -40°C
30
40
50
60
70
V
R = 5V
0
10
20
0
4
8
12
16
20
24
28
Input Voltage (V)
T
A = 85°C
T
A = 25°C
T
A = -40°C
30
40
50
60
70
V
R = 12V
T
A = 85°C
0
10
20
0
4
8
12
16
20
24
28
Input Voltage (V)
A
T
A = 25°C
T
A = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com