Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 3Page - Microchip Technology MCP1804_13 Datasheet HTML 4Page - Microchip Technology MCP1804_13 Datasheet HTML 5Page - Microchip Technology MCP1804_13 Datasheet HTML 6Page - Microchip Technology MCP1804_13 Datasheet HTML 7Page - Microchip Technology MCP1804_13 Datasheet HTML 8Page - Microchip Technology MCP1804_13 Datasheet HTML 9Page - Microchip Technology MCP1804_13 Datasheet HTML 10Page - Microchip Technology MCP1804_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 7
MCP1804
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA =+25°C,
VIN =VR +2.0V.
FIGURE 2-7:
Output Voltage vs. Input
Voltage.
FIGURE 2-8:
Output Voltage vs. Input
Voltage.
FIGURE 2-9:
Output Voltage vs. Input
Voltage.
FIGURE 2-10:
Output Voltage vs. Input
Voltage.
FIGURE 2-11:
Output Voltage vs. Input
Voltage.
FIGURE 2-12:
Output Voltage vs. Input
Voltage.
1.7
1.8
1.9
2.0
2.1
V
R = 1.8V
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 30 mA
1.5
1.6
1.7
0.8
1.3
1.8
2.3
2.8
3.3
3.8
Input Voltage (V)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
V
R = 5V
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 30 mA
4.0
4.2
4.4
4.6
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
11 0
12.0
13.0
14.0
15.0
V
R = 12V
I
=1mA
9.0
10.0
11.0
10
11
12
13
14
Input Voltage (V)
I
OUT =1mA
I
OUT = 10 mA
I
OUT = 30 mA
1.7
1.8
1.9
2.0
2.1
V
R = 1.8V
I
=1mA
1.5
1.6
1.7
4
8
12
16
20
24
28
Input Voltage (V)
I
OUT =1mA
I
OUT = 10 mA
I
OUT = 30 mA
4.8
5.0
5.2
5.4
5.6
5.8
6.0
V
R = 5V
4.0
4.2
4.4
4.6
8
1216202428
Input Voltage (V)
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 30 mA
11 0
12.0
13.0
14.0
15.0
V
R = 12V
9.0
10.0
11.0
14
16
18
20
22
24
26
28
Input Voltage (V)
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com