Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1202E/MB Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1703AT-1202E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1202E/MB Datasheet(HTML) 5 Page - Microchip Technology

  MCP1703AT-1202E/MB Datasheet HTML 1Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 2Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 3Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 4Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 5Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 6Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 5
MCP1703A
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25°C,
VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
Note:
Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to
the desired junction temperature. The test time is small enough such that the rise in Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage.
FIGURE 2-2:
Quiescent Current vs. Input
Voltage.
FIGURE 2-3:
Quiescent Current vs. Input
Voltage.
FIGURE 2-4:
Ground Current vs. Load
Current.
FIGURE 2-5:
Ground Current vs. Load
Current.
FIGURE 2-6:
Quiescent Current vs.
Junction Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.00
1.00
2.00
3.00
4.00
5.00
2
4
6
8
10
12
14
16
Input Voltage (V)
V
OUT = 1.2V
I
OUT = 0 µA
+25°C
+130°C
-45°C
0°C
+90°C
0.00
1.00
2.00
3.00
4.00
5.00
6.00
2
4
6
8
10
12
14
16
Input Voltage (V)
V
OUT = 2.5V
I
OUT = 0 µA
+90°C
+130°C
- 45°C
0°C
+90°C
1
2
3
4
5
6
7
6
8
10
12
14
16
Input Voltage (V)
V
OUT = 5.0V
I
OUT = 0 µA
0°C
+130°C
- 45°C
+25°C
+90°C
0
10
20
30
40
50
60
0
40
80
120
160
200
Load Current (mA)
V
OUT = 1.2V
V
IN = 2.7V
0
10
20
30
40
50
60
0
50
100
150
200
250
Load Current (mA)
V
OUT = 2.5V
V
IN = 3.5V
V
OUT = 5.0V
V
IN = 6.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-45
-20
5
30
55
80
105
130
Junction Temperature (°C)
I
OUT = 0 mA
V
OUT = 5.0V
V
IN = 6.0V
V
OUT = 1.2V
V
IN = 2.7V
V
OUT = 2.5V
V
IN = 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com