Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1202E/MB Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1703AT-1202E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1202E/MB Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1703AT-1202E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 15Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 16Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 17Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 18Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 19Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
MCP1703A
DS20005122B-page 16
 2012-2013 Microchip Technology Inc.
6.5
Pulsed Load Applications
For some applications, there are pulsed load current
events that may exceed the specified 250 mA
maximum specification of the MCP1703A. The internal
current limit of the MCP1703A prevents high peak load
demands from causing non-recoverable damage. The
250 mA rating is a maximum average continuous
rating. As long as the average current does not exceed
250 mA, pulsed higher load currents can be applied to
the MCP1703A. The typical current limit for the
MCP1703A is 500 mA (TA = +25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com