Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1202E/MB Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1703AT-1202E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1202E/MB Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1703AT-1202E/MB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 9Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 10Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-1202E/MB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 11
MCP1703A
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
There is no high current and only the LDO bias current
(2.0 µA typical) flows out of this pin. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.2
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located close to the LDO VOUT pin as is practical. The
current flowing out of this pin is equal to the DC load
current.
3.3
Unregulated Input Voltage (VIN)
Connect VIN to the input unregulated source voltage.
Like all low dropout linear regulators, low source
impedance is necessary for stable operation of the
LDO. The amount of capacitance required to ensure
low source impedance depends on the proximity of the
input source capacitors or battery type. For most
applications, 1 µF of capacitance ensures stable
operation of the LDO circuit. The input capacitance
requirement can be lowered for applications that have
load currents below 100 mA. The type of capacitor
used can be ceramic, tantalum or aluminum
electrolytic. The low ESR characteristics of the ceramic
yields better noise and PSRR performance at
high-frequency.
3.4
Exposed Thermal Pad (EP)
An internal electrical connection between the Exposed
Thermal Pad (EP) and the VSS pin. They must be
connected to the same potential on the Printed Circuit
Board (PCB).
TABLE 3-1:
MCP1703A PIN FUNCTION TABLE
2x3 DFN
SOT-223
SOT-23A
SOT-89
Name
Function
4
2,Tab
1
1
GND
Ground Terminal
1
323
VOUT
Regulated Voltage Output
81
3
2,Tab
VIN
Unregulated Supply Voltage
2, 3, 5, 6, 7
—
—
—
NC
No Connection
9
—
—
—
EP
Exposed Thermal Pad (EP); must be
connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com