Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1502E/MB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1703AT-1502E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/MB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1703AT-1502E/MB Datasheet HTML 6Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 9Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 10Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MCP1703A
DS20005122B-page 10
 2012-2013 Microchip Technology Inc.
Note:
Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25°C,
VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
FIGURE 2-31:
Dynamic Load Response.
FIGURE 2-32:
Dynamic Load Response.
FIGURE 2-33:
Ground Current vs. Input
Voltage.
FIGURE 2-34:
Ground Current vs. Input
Voltage.
FIGURE 2-35:
Output Voltage vs. Input
Voltage.
FIGURE 2-36:
Dropout Current vs. Input
Voltage.
0
5
10
15
20
25
30
-1500
-1000
-500
0
500
1000
1500
0
500
1000
1500
2000
2500
Time (µs)
V
OUT = 2.5V
Step 100µ to 100 mA
100 mA
100 µA
V
OUT (ac)
0
5
10
15
20
25
30
-1500
-1000
-500
0
500
1000
1500
0
500
1000
1500
2000
2500
Time (µs)
V
OUT = 2.5V
Step 1 mA to 200 mA
1 mA
200 mA
V
OUT (ac)
0
4
8
12
16
20
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
V
OUT = 2.5V
I
OUT = 10 mA
0
4
8
12
16
20
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
V
OUT = 5.0V
I
OUT = 10 mA
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage (V)
I
OUT = 1 mA
V
OUT = 5V
V
OUT = 3.3V
0
2
4
6
8
10
0
1
2
3
4
5
6
Input Voltage (V)
I
OUT = 1 mA
V
OUT = 5V
V
OUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com