Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1502E/MB Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1703AT-1502E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/MB Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1703AT-1502E/MB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 15Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 16Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 17Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 18Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 15
MCP1703A
6.3
Voltage Regulator
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. As a result of
ground current, the power dissipation is small enough
to be neglected.
6.3.1
POWER DISSIPATION EXAMPLE
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction to ambient for the application. The
thermal resistance from junction to ambient (RθJA) is
derived from an EIA/JEDEC standard for measuring
thermal resistance for small surface mount packages.
The EIA/JEDEC specification is JESD51-7, “High
Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages”. The standard describes the
test method and board specifications for measuring the
thermal resistance from junction to ambient. The actual
thermal resistance for a particular application can vary
depending on many factors, such as copper area and
thickness. Refer to AN792, “A Method to Determine
How Much Power a SOT23 Can Dissipate in an
Application”
(DS00792), for more information regarding
this subject.
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below.
Maximum Package Power Dissipation at +40°C
Ambient Temperature Assuming Minimal Copper
Usage.
6.4
Voltage Reference
The MCP1703A can be used not only as a regulator but
also as a low quiescent current voltage reference. In
many microcontroller applications, the initial accuracy
of the reference can be calibrated using production test
equipment or by using a ratio measurement. When the
initial accuracy is calibrated, the thermal stability and
line regulation tolerance are the only errors introduced
by the MCP1703A LDO. The low-cost, low quiescent
current and small ceramic output capacitor are all
advantages when using the MCP1703A as a voltage
reference.
FIGURE 6-2:
Using the MCP1703A as a
Voltage Reference.
Package
Package Type: SOT-23A
Input Voltage:
VIN = 2.7V to 4.8V
LDO Output Voltages and Currents
VOUT =1.8V
IOUT =50 mA
Maximum Ambient Temperature
TA(MAX) = +40°C
Internal Power Dissipation
Internal Power dissipation is the product of the LDO
output current multiplied by the voltage across the
LDO
(VIN to VOUT).
PLDO(MAX) =(VIN(MAX) - VOUT(MIN)) x IOUT(MAX)
PLDO = (4.8V - (0.97 x 1.8V)) x 50 mA
PLDO = 152.7 milli-Watts
TJ(RISE) =PTOTAL x RθJA
TJ(RISE) = 152.7 milli-Watts x 336.0°C/Watt
TJ(RISE) = 51.3°C
TJ =TJ(RISE) + TA(MAX)
TJ = 91.3°C
SOT-23A (336.0°C/Watt = RθJA)
PD(MAX) = (+125°C - 40°C) / 336°C/W
PD(MAX) = 253 milli-Watts
SOT-89 (153.3°C/Watt = RθJA)
PD(MAX) = (+125°C - 40°C) / 153.3°C/W
PD(MAX) = 0.554 Watts
SOT-223 (62.9°C/Watt = RθJA)
PD(MAX) = (+125°C - 40°C) / 62.9°C/W
PD(MAX) = 1.35 Watts
PIC®
GND
VIN
CIN
1µF
COUT
1µF
Bridge Sensor
VOUT
VREF
ADO
AD1
Ratio Metric Reference
2 µA Bias
Microcontroller
MCP1703A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com